Electronic Components Datasheet Search
  English  ▼

X  

TDA0161FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA0161FP
Description  PROXIMITY DETECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161FP Datasheet(HTML) 3 Page - STMicroelectronics

  TDA0161FP Datasheet HTML 1Page - STMicroelectronics TDA0161FP Datasheet HTML 2Page - STMicroelectronics TDA0161FP Datasheet HTML 3Page - STMicroelectronics TDA0161FP Datasheet HTML 4Page - STMicroelectronics TDA0161FP Datasheet HTML 5Page - STMicroelectronics TDA0161FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL APPLICATIONS
Detection Range (*)
L1 (
µH)
C1 (pF)
fosc
(kHz)
R1
(k
Ω)
C2
pF
2mm
30
(1)
120
2650
6.8
47
5mm
300
(2)
470
425
27
470
10mm
2160
(3)
4700
50
27
3300
(*) Ingot steel target
COIL CHARACTERISTICS
Core
Coil Former
Wire**
Number of Turns
1
Cofelec
432 FP 9 x 5 SE
1/2
CAR 091 - 2
THOMSON Fils et Câbles
Thomrex 14
(14/100mm)
40
2
Cofelec
432 FP 14 x 8 SE
1/2
CAR 142 - 2
THOMSON Fils et Câbles
Thomrex 14
(14/100mm)
100
3
Cofelec
432 FP 26 x 16 SE
1/2
CAR 262 - 2
THOMSON Fils et Câbles
Thomrex 14
(14/100mm)
200
** The above results are obtained with single wire coil. When using Litz wire instead of single wire, the parallel resistance of the coil
be-
comes higher and the value of R1 may be increased, resulting in better sensitivity.
TDA0161
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com