Electronic Components Datasheet Search
  English  ▼

X  

EBUEBT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EBUEBT
Description  Aluminum Capacitors Axial Non-Polar Capacitor Styles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBUEBT Datasheet(HTML) 1 Page - Vishay Siliconix

  EBUEBT Datasheet HTML 1Page - Vishay Siliconix EBUEBT Datasheet HTML 2Page - Vishay Siliconix EBUEBT Datasheet HTML 3Page - Vishay Siliconix EBUEBT Datasheet HTML 4Page - Vishay Siliconix EBUEBT Datasheet HTML 5Page - Vishay Siliconix EBUEBT Datasheet HTML 6Page - Vishay Siliconix EBUEBT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 25117
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 11-Jun-08
1
Aluminum Capacitors
Axial Non-Polar Capacitor Styles
EBU/EBT
Vishay Roederstein
FEATURES
• Non-polarized aluminum electrolytic capacitors
• EBU with small dimensions
• EBT with low ESR values over a large
frequency range
APPLICATIONS
• EBU for circuits with changing or unknown polarity
• EBT for audio frequency networks
Component outlines
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
EBU
EBT
Nominal case size (Ø D x L)
mm
8 x 18 to 10 x 25
Rated capacitance range CR
µF
10 to 220
2.2 to 22
Capacitance tolerance
%
- 10 to + 50
- 15 to + 15
Rated voltage range, direct voltage
alternating voltage
Vdc
Vac
6.3 to 63
40 to 100
15 to 35
Category temperature range
°C
- 40 to + 85
Endurance test at 85 °Cand rated direct voltage
h
1000
Useful life at 85 °C, rated direct voltage and IR,
or voltages from audio frequency mixture
h
3000
5000
Useful life at 40 °C, rated direct voltage and IR,
or voltages from audio frequency mixture
h
70 000
110 000
Failure rate (0.8 UR, 40 °C)
10-9/h
≤ 90
≤ 50
Based on sectional specification
IEC 60384-4/EN 130300
Climatic category
IEC 60068
DIN 40040
40/085/56
GPF
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
EBU STYLE
CR
(µF)
UR (Vdc)
16
40
63
10
→
8 x 18
8 x 18
22
→
8 x 18
10 x 18
47
8 x 18
10 x 18
10 x 25
100
10 x 18
10 x 25
-
220
10 x 25
-
-
EBT STYLE
CR
(µF)
UR (Vdc/Vac)
40/15
63/23
100/35
2.2
8 x 18
8 x 18
8 x 18
3.3
8 x 18
8 x 18
10 x 18
4.7
8 x 18
10 x 18
10 x 25
6.8
10 x 18
10 x 25
-
10
10 x 18
10 x 25
-
15
10 x 25
-
-
22
10 x 25
-
-


Similar Part No. - EBUEBT

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EBU-101G-LF BOTHHAND-EBU-101G-LF Datasheet
215Kb / 2P
Ethernet Switches expand to Wireless Access Point
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
Gigabit & High Power Base Unit for PoE
logo
ETAL Group
EBU-TA1-003-AC230V-B-10A ETAL-EBU-TA1-003-AC230V-B-10A Datasheet
1Mb / 6P
Electronic circuit breaker EBU
EBU-TA1-003-AC230V-B-16A ETAL-EBU-TA1-003-AC230V-B-16A Datasheet
1Mb / 6P
Electronic circuit breaker EBU
EBU-TA1-003-AC230V-B-4A ETAL-EBU-TA1-003-AC230V-B-4A Datasheet
1Mb / 6P
Electronic circuit breaker EBU
More results

Similar Description - EBUEBT

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NNR NIC-NNR Datasheet
169Kb / 1P
Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
Non-Polar Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
Aluminum Capacitors Radial Style Non-Polar
24-Jun-08
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NNR NIC-NNR_14 Datasheet
84Kb / 2P
Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com