Electronic Components Datasheet Search
  English  ▼

X  

EBUEBT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EBUEBT
Description  Aluminum Capacitors Axial Non-Polar Capacitor Styles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBUEBT Datasheet(HTML) 4 Page - Vishay Siliconix

  EBUEBT Datasheet HTML 1Page - Vishay Siliconix EBUEBT Datasheet HTML 2Page - Vishay Siliconix EBUEBT Datasheet HTML 3Page - Vishay Siliconix EBUEBT Datasheet HTML 4Page - Vishay Siliconix EBUEBT Datasheet HTML 5Page - Vishay Siliconix EBUEBT Datasheet HTML 6Page - Vishay Siliconix EBUEBT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EBU/EBT
Vishay Roederstein
Aluminum Capacitors
Axial Non-Polar Capacitor Styles
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25117
4
Revision: 11-Jun-08
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Ta = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EBT 3.3 µF/40 V, - 10/+ 50 %, Size: 8 mm x18 mm
Taped ammopack:
Ordering code: MALAEBT20FL133GB0W
Taped on reel:
Ordering code: MALAEBT20FL133GA0W
Capacitors are sleeve-insulated.
LOW TEMPERATURE BEHAVIOUR - EBT
Table for the calculation of the maximum impedance Z(f) [
Ω] at low temperatures:
ELECTRICAL DATA - EBT STYLE
SYMBOL
DESCRIPTION
UR
rated direct voltage
CR
rated capacitance at 1 kHz
U
EFF
rated alternating voltage
tan
δ
max. dissipation factor at 1 kHz
RESR
equivalent series resistance at 1 kHz, calculated
from Tan
δ
max. and CR
Z
impedance at 10 kHz
Ta
ambient temperature
ELECTRICAL DATA AND ORDERING INFORMATION - EBT
UR
(V)
CR
1 KHz
(µF)
Ueff
(V)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
δ
1 kHz
max.
RESR
1 kHz
(
Ω)
Z
10 kHz
max.
(
Ω)
WEIGHT
(g)
ORDERING
NUMBER
MALA...
2.2
15
8 x 18
0.095
6.90
11.00
2.0
EBT20FL122GB0W
3.3
15
8 x 18
0.095
4.60
7.60
2.0
EBT20FL133GB0W
40
4.7
15
8 x 18
0.095
3.20
5.30
2.0
EBT20FL147GB0W
6.8
15
10 x 18
0.095
2.20
3.70
3.0
EBT20GL168GB0W
10.0
15
10 x 18
0.095
1.50
2.50
3.0
EBT20GL210GB0W
15.0
15
10 x 25
0.080
0.85
1.70
3.5
EBT20GD215GB0W
2.2
23
8 x 18
0.090
6.50
11.00
2.0
EBT20FL122JB0W
3.3
23
8 x 18
0.090
4.30
7.30
2.0
EBT20FL133JB0W
63
4.7
23
10 x 18
0.090
3.00
5.10
3.0
EBT20GL147JB0W
6.8
23
10 x 25
0.090
2.10
3.50
3.5
EBT20GD168JB0W
10.0
23
10 x 25
0.090
1.40
2.40
3.5
EBT20GD210JB0W
2.2
35
8 x 18
0.085
6.10
10.00
2.0
EBT20FL122LB0W
100
3.3
35
10 x 18
0.085
4.10
7.00
3.0
EBT20GL133LB0W
4.7
35
10 x 25
0.085
2.90
4.90
3.5
EBT20GD147LB0W
Zf
() Ω
[] Tabular value
CR μF
[]
----------------------------------------
=
UR
(V)
Ueff
(V)
Ta
(°C)
FREQUENCY (f) [kHz]
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
40
15
- 25
- 40
4000
4400
2300
2500
1100
1300
520
590
310
400
170
330
95
300
80
290
58
230
51
210
50
190
63
23
- 25
- 40
4000
4400
2300
2500
1100
1300
520
590
300
380
150
300
80
260
70
240
50
190
49
170
46
155
100
35
- 25
- 40
4000
4400
2300
2500
1100
1300
520
590
290
380
130
270
70
220
60
200
44
150
42
140
42
130



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com