Electronic Components Datasheet Search
  English  ▼

X  

EKC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EKC
Description  Aluminum Capacitors Radial Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKC Datasheet(HTML) 6 Page - Vishay Siliconix

  EKC Datasheet HTML 1Page - Vishay Siliconix EKC Datasheet HTML 2Page - Vishay Siliconix EKC Datasheet HTML 3Page - Vishay Siliconix EKC Datasheet HTML 4Page - Vishay Siliconix EKC Datasheet HTML 5Page - Vishay Siliconix EKC Datasheet HTML 6Page - Vishay Siliconix EKC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EKC
Vishay Roederstein
Aluminum Capacitors
Radial Style
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25009
6
Revision: 05-Nov-08
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
(whichever is greater)
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 πf C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
10 ~ 180 µF
220 ~ 560 µF
680 ~ 1800 µF
2200 ~ 3900 µF
4700 ~ 8200 µF
120
0.40
0.50
0.60
0.75
0.85
1000
0.75
0.85
0.87
0.90
0.95
10 000
0.90
0.94
0.95
0.95
0.98
100 000
1.00
1.00
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 2000 hours Ø 5, Ø 6.3
After 3000 hours Ø 8
After 5000 hours Ø 10
After 7000 hours Ø 12.5
After 8000 hours Ø 16, Ø 18
Δ C/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
No voltage applied
After 1000 h
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 20 % of initial value
IL ≤ spec.limit
tan
δ ≤ 2 x spec. limit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com