Electronic Components Datasheet Search
  English  ▼

X  

EKC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EKC
Description  Aluminum Capacitors Radial Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKC Datasheet(HTML) 3 Page - Vishay Siliconix

  EKC Datasheet HTML 1Page - Vishay Siliconix EKC Datasheet HTML 2Page - Vishay Siliconix EKC Datasheet HTML 3Page - Vishay Siliconix EKC Datasheet HTML 4Page - Vishay Siliconix EKC Datasheet HTML 5Page - Vishay Siliconix EKC Datasheet HTML 6Page - Vishay Siliconix EKC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 25009
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-Nov-08
3
EKC
Aluminum Capacitors
Radial Style
Vishay Roederstein
Note
Unless
otherwise
specified,
all
electrical
values
at
Ta = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EKC 3300 µF/25 V, ± 20 %, size: 16 x 35 mm
Leads: Long
Ordering code: MALREKC00JU433E00F
Leads: Short
Ordering code: MALREKC05...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
Z
max. impedance at 100 kHz
IR
rated alternating current (rms) at 100 kHz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
δ
120 Hz
Z
100 kHz/20 °C
(
Ω)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(LONG LEADS)
10
82
5 x 11.5
0.19
0.75
163
0.50
MALREKC00AB282C00F
180
6.3 x 11.5
0.19
0.35
273
0.80
MALREKC00BB318C00F
220
6.3 x 15
0.19
0.25
390
1.20
MALREKC00BF322C00F
330
8 x 12
0.19
0.17
445
1.00
MALREKC00PT333C00F
390
10 x 12.5
0.19
0.12
625
1.90
MALREKC00DC339C00F
470
8 x 15
0.19
0.13
555
1.50
MALREKC00PF347C00F
680
8 x 20
0.19
0.095
740
2.00
MALREKC00PE368C00F
1000
10 x 20
0.19
0.062
1040
3.00
MALREKC00DE410C00F
1200
10 x 25
0.21
0.052
1260
4.00
MALREKC00DG412C00F
1500
10 x 30
0.21
0.044
1440
4.80
MALREKC00DJ415C00F
1800
12.5 x 20
0.21
0.046
1340
4.00
MALREKC00FE418C00F
2200
12.5 x 25
0.23
0.034
1690
4.70
MALREKC00FG422C00F
2700
12.5 x 30
0.23
0.030
1950
5.40
MALREKC00FJ427C00F
3300
12.5 x 35
0.25
0.024
2220
5.90
MALREKC00FU433C00F
3900
12.5 x 40
0.25
0.022
2390
6.40
MALREKC00FK439C00F
5600
16 x 30
0.29
0.025
2350
8.80
MALREKC00JJ456C00F
6800
16 x 35
0.31
0.022
2550
10.0
MALREKC00JU468C00F
8200
16 x 40
0.35
0.018
2900
11.0
MALREKC00JK482C00F
16
56
5 x 11.5
0.16
0.75
163
0.50
MALREKC00AB256D00F
120
6.3 x 11.5
0.16
0.35
273
0.80
MALREKC00BB312D00F
180
6.3 x 15
0.16
0.25
390
0.80
MALREKC00BF318D00F
270
8 x 12
0.16
0.17
445
1.00
MALREKC00PT327D00F
330
8 x 15
0.16
0.13
555
1.50
MALREKC00PF333D00F
470
10 x 16
0.16
0.084
825
2.40
MALREKC00DD347D00F
680
10 x 20
0.16
0.062
1040
3.00
MALREKC00DE368D00F
820
10 x 25
0.16
0.052
1260
4.00
MALREKC00DG382D00F
1200
10 x 30
0.18
0.044
1440
4.80
MALREKC00DJ412D00F
1500
12.5 x 25
0.18
0.034
1690
4.70
MALREKC00FG415D00F
2200
16 x 20
0.20
0.038
1630
5.80
MALREKC00JE422D00F
2700
12.5 x 35
0.20
0.024
2220
5.90
MALREKC00FU427D00F
3300
12.5 x 40
0.22
0.022
2390
6.40
MALREKC00FK433D00F
3900
16 x 30
0.22
0.025
2350
8.80
MALREKC00JJ439D00F
4700
16 x 35
0.24
0.022
2550
10.0
MALREKC00JU447D00F
5600
16 x 40
0.26
0.018
2900
11.0
MALREKC00JK456D00F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com