Electronic Components Datasheet Search
  English  ▼

X  

ES3F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES3F
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES3F Datasheet(HTML) 2 Page - Vishay Siliconix

  ES3F Datasheet HTML 1Page - Vishay Siliconix ES3F Datasheet HTML 2Page - Vishay Siliconix ES3F Datasheet HTML 3Page - Vishay Siliconix ES3F Datasheet HTML 4Page - Vishay Siliconix ES3F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES3F & ES3G
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88590
Revision: 20-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Units mounted on P.C.B. 5.0 x 5.0 mm (0.013 mm thick) land areas
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
ES3F
ES3G
UNIT
Maximum instantaneous forward voltage (1)
3.0 A
VF
1.1
V
Maximum DC reverse current at working
peak reverse voltage
TA = 25 °C
TA = 100 °C
IR
10
350
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Maximum reverse recovery time
IF = 1.0 A, dI/dt = 100 A/µs,
VR = 30 V, Irr = 0.1 IRM
trr
50
ns
Maximum reverse recovery current
IF = 1.0 A, dI/dt = 100 A/µs,
VR = 30 V, Irr = 0.1 IRM
IRM
3.0
A
Maximum stored charge
IF = 1.0 A, dI/dt = 100 A/µs,
VR = 30 V, Irr = 0.1 IRM
Qrr
50
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
30
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES3F
ES3G
UNIT
Typical thermal resistance (1)
RθJA
RθJL
50
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES3G-E3/57T
0.211
57T
850
7" diameter plastic tape and reel
ES3G-E3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
ES3GHE3/57T (1)
0.211
57T
850
7" diameter plastic tape and reel
ES3GHE3/9AT (1)
0.211
9AT
3500
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
0
3.0
80
90
100
110
120
130
140
150
2.0
1.0
Resistive or Inductive Load
Lead Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
25
50
75
100
125
150
1
100
10
8.3 ms Single Half Sine-Wave
at T
L = 110 °C
Number of Cycles at 60 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com