Electronic Components Datasheet Search
  English  ▼

X  

ESH3B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ESH3B
Description  Surface Mount Ultrafast Plastic Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH3B Datasheet(HTML) 2 Page - Vishay Siliconix

  ESH3B Datasheet HTML 1Page - Vishay Siliconix ESH3B Datasheet HTML 2Page - Vishay Siliconix ESH3B Datasheet HTML 3Page - Vishay Siliconix ESH3B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
ESH3B, ESH3C & ESH3D
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 84648
Revision: 27-Aug-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Units mounted on P.C.B. with 12.0 x 12.0 mm land areas
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage (1)
IF = 3 A
VF
0.90
V
Maximum DC reverse current at rated
DC blocking voltage
TA = 25 °C
TA = 125 °C
IR
5.0
150
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
25
ns
Typical reverse recovery time
IF = 3 A, VR = 30 V,
dI/dt = 50 A/µs, Irr = 10 % IRM
TJ = 25 °C
TJ = 100 °C
trr
40
55
ns
Typical stored charge
IF = 3 A, VR = 30 V,
dI/dt = 50 A/µs, Irr = 10 % IRM
TJ = 25 °C
TJ = 100 °C
Qrr
25
60
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
70
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ESH3B
ESH3C
ESH3D
UNIT
Typical thermal resistance (1)
RθJA
RθJL
50
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ESH3D-E3/57T
0.211
57T
850
7" diameter plastic tape and reel
ESH3D-E3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
ESH3DHE3/57T (1)
0.211
57T
850
7" diameter plastic tape and reel
ESH3DHE3/9AT (1)
0.211
9AT
3500
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
Lead Temperature (°C)
0
25
50
75
100
125
150
175
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60 Hz
125
100
75
50
25
0
1
10
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com