Electronic Components Datasheet Search
  English  ▼

X  

STV270N4F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV270N4F3
Description  N-channel 40 V, 1.25 mΩ, 270 A, PowerSO-10 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV270N4F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STV270N4F3 Datasheet HTML 1Page - STMicroelectronics STV270N4F3 Datasheet HTML 2Page - STMicroelectronics STV270N4F3 Datasheet HTML 3Page - STMicroelectronics STV270N4F3 Datasheet HTML 4Page - STMicroelectronics STV270N4F3 Datasheet HTML 5Page - STMicroelectronics STV270N4F3 Datasheet HTML 6Page - STMicroelectronics STV270N4F3 Datasheet HTML 7Page - STMicroelectronics STV270N4F3 Datasheet HTML 8Page - STMicroelectronics STV270N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STV270N4F3
Electrical ratings
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (vgs = 0)
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
270
A
ID
Drain current (continuous) at TC = 100 °C
220
A
IDM
(1)
Drain current (pulsed)
1080
A
PTOT
(2)
2.
This value is rated according to Rthj-c
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
EAS
(3)
3.
Starting Tj = 25 °C, ID = 80 A, VDD = 32 V
Single pulse avalanche energy
1000
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch2 FR-4 2 oz Cu.
Thermal resistance junction-pcb max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com