Electronic Components Datasheet Search
  English  ▼

X  

STV270N4F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV270N4F3
Description  N-channel 40 V, 1.25 mΩ, 270 A, PowerSO-10 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV270N4F3 Datasheet(HTML) 4 Page - STMicroelectronics

  STV270N4F3 Datasheet HTML 1Page - STMicroelectronics STV270N4F3 Datasheet HTML 2Page - STMicroelectronics STV270N4F3 Datasheet HTML 3Page - STMicroelectronics STV270N4F3 Datasheet HTML 4Page - STMicroelectronics STV270N4F3 Datasheet HTML 5Page - STMicroelectronics STV270N4F3 Datasheet HTML 6Page - STMicroelectronics STV270N4F3 Datasheet HTML 7Page - STMicroelectronics STV270N4F3 Datasheet HTML 8Page - STMicroelectronics STV270N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STV270N4F3
4/12
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS= 0
40
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating,
VDS = Max rating, Tc=125 °C
10
100
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VDS = ± 20 V
±200
nA
VGS(th)
Gate threshold voltage VDS= VGS, ID = 250 µA
24
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 80 A
1.25
1.5
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward
transconductance
VDS = 10 V, ID= 100 A
200
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz, VGS =0
7500
1900
50
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 20 V, ID= 160 A,
VGS= 10 V
(see Figure 14)
110
30
25
150
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com