Electronic Components Datasheet Search
  English  ▼

X  

WVL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WVL
Description  Inductors, Variable, Subminiature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WVL Datasheet(HTML) 1 Page - Vishay Siliconix

  WVL Datasheet HTML 1Page - Vishay Siliconix WVL Datasheet HTML 2Page - Vishay Siliconix WVL Datasheet HTML 3Page - Vishay Siliconix WVL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WVL
Vishay Dale
Document Number: 34086
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
47
Inductors, Variable, Subminiature
Variable, Subminiature, Shielded
ELECTRICAL SPECIFICATIONS
Adjustable Inductance Range: Tunable range; ± 5 % for
0.10 µH to 1 µH. ± 10 % for 1.2 µH to 1000 µH
Dielectic Strength: 840 VRMS at sea level
Working Voltage: 300 VDC
Maximum Current: Based on temperature rise not to
exceed 15 °C at + 90 °C ambient
Incremental Current: The DC current required to cause a
five percent reduction in the nominal inductance value
Operating Temperature: - 55 °C to + 105 °C
FEATURES
• Classification is Grade 3, Class A
• Subminiature shielded adjustable inductor
• High Q values
• Vertical or horizontal mounting
• Inductance range is 0.10 µH to 1000 µH
• 0.300" [7.62 mm] diameter by 0.400" [10.16 mm] length
• Printed board mounting facilitated by 0.200" [5.08mm] grid
spacing
• Unit has shield construction to allow maximum density
packaging
• Accommodates close inductance adjustments in high
density circuits that demand exceptional stability and high
“Q” in the smallest size available
MECHANICAL SPECIFICATIONS
Tuning Tool: Use Number WVL-T or equal
Torque: 0.40 to 6 inch-ounces
Terminal Pull: 3 pounds
DENSITY SPECIFICATIONS
Weight: 1.5 grams maximum
Shielding: 3 % coupling maximum when two units are
tested side by side
DIMENSIONS in inches [millimeters]
Horizontal Style
Vertical Style
Horizontal Mounting Clip Part Number ACS-57
(One required per unit.)
0.400 [10.16]
0.320 [8.13]
3/8 ± 1/16
[9.52 ± 1.59]
0.375 [9.53]
0.050 [1.27]
0.200 ± 0.010
[5.08 ± 0.254]
0.020
[0.508]
Dia. Wire
Phosphor-Bronze
3/8 ± 1/16
[9.52 ± 1.59]
0.200 ± 0.010
[5.08 ± 0.254]
0.400 ± 0.030
[10.16 ± 0.762]
0.300 ± 0.020
[7.62 ± 0.508]
#24 0.020 ± 0.002
[0.508 ± 0.051] TCW
RoHS
COMPLIANT


Similar Part No. - WVL

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
WVL-2B1050112 JDSU-WVL-2B1050112 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
WVL-2B1050113 JDSU-WVL-2B1050113 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
WVL-2B1050114 JDSU-WVL-2B1050114 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
WVL-2B1050115 JDSU-WVL-2B1050115 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
More results

Similar Description - WVL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S21 SHARP-GP1S21 Datasheet
49Kb / 4P
Subminiature Photointerrupter
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
SUBMINIATURE FUSES
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
logo
Raytheon Company
CK6088 RAYTHEON-CK6088 Datasheet
375Kb / 4P
SUBMINIATURE PENTODE
logo
Vishay Siliconix
IMS-2WWD-40 VISHAY-IMS-2WWD-40 Datasheet
70Kb / 3P
Inductors, Subminiature, Shielded
10-Aug-06
PC9EBR10K VISHAY-PC9EBR10K Datasheet
86Kb / 3P
Inductors Subminiature, Shielded
10-Aug-06
logo
PCA ELECTRONICS INC.
EP4852 PCA-EP4852 Datasheet
13Kb / 1P
Subminiature RF Inductors
logo
Nihon Kaiheiki Industry...
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
Subminiature Pushbuttons
logo
PCA ELECTRONICS INC.
EP48XXA PCA-EP48XXA_15 Datasheet
42Kb / 1P
Subminiature RF Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com