Electronic Components Datasheet Search
  English  ▼

X  

WVL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WVL
Description  Inductors, Variable, Subminiature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WVL Datasheet(HTML) 3 Page - Vishay Siliconix

  WVL Datasheet HTML 1Page - Vishay Siliconix WVL Datasheet HTML 2Page - Vishay Siliconix WVL Datasheet HTML 3Page - Vishay Siliconix WVL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WVL
Inductors, Variable, Subminiature,
Variable, Subminiature, Shielded
Vishay Dale
Document Number: 34086
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
49
ORDERING INFORMATION
WVL
0.10 µH
5 %
EB
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
INDUCTANCE
TOLERANCE
INDUCTANCE VALUE
W
VL9
R10
K
PACKAGE CODE
EB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com