Electronic Components Datasheet Search
  English  ▼

X  

TDA2320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2320
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2320 Datasheet HTML 1Page - STMicroelectronics TDA2320 Datasheet HTML 2Page - STMicroelectronics TDA2320 Datasheet HTML 3Page - STMicroelectronics TDA2320 Datasheet HTML 4Page - STMicroelectronics TDA2320 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 5V, Tamb =25
oC (unless otherwise specified) (refer to the test circuits)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4
20
V
ICC
Supply Current
VCC = 20V
0.8
2
mA
Iib
Input Bias Current
100
500
nA
Vio
Input Offset Voltage
Rs < 10k
0.5
mV
Iio
Input Offset Current
15
nA
Avd
Large Signal Voltage Gain
f = 1kHz
f = 100kHz
64
70
30
dB
VOPP
DC Output Voltage Swing
2.5
V
GBP
Gain-bandwidth Product
f = 100kHz
1.5
3
MHz
SR
Slew Rate
RL =2k
1.5
V/
µs
en
Equivalent Input Noise Voltage
f = 40kHz
Rs = 10k
20
nV

Hz
SVR
Supply Voltage Rejection Ratio
f = 100Hz
80
dB
+5V
C5
0.1
µF
R10
100k
+5V
1
4
3
2
8
1/2
TDA2320
R9
2.7k
R7
12k
R8
3.3k
C4
47nF
7
1/2
TDA2320
6
5
C3
22nF
R5
1k
1N4148
D2
R6
47k
R1
1M
Q1
BC109
C1
10
µF
C2
22nF
R2
39k
R3
100k
BPW41
D1
R4
3.3k
APPLICATION CIRCUIT
FLASH MODE PREAMPL IFIER
TDA2320
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com