Electronic Components Datasheet Search
  English  ▼

X  

TDA2320 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2320
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2320 Datasheet HTML 1Page - STMicroelectronics TDA2320 Datasheet HTML 2Page - STMicroelectronics TDA2320 Datasheet HTML 3Page - STMicroelectronics TDA2320 Datasheet HTML 4Page - STMicroelectronics TDA2320 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
3
2
7
6
5
220
8
4
M206
10k
15k
220
22nF
2x1N4148
1N4148
1N4148
10
µF
1N4148
100k
2.2k
1k
BPW41
+5V
100nF
1/2
TDA2320
1/2
TDA2320
22nF
15k
APPLICATION INFORMATION
Figure 1 : Application Circuit for Carrier Transmission Mode
33
+9V
445 to
510kHz
KEYBOARD
M709
or
M710
ADDRESS
MODE
2x1N4148
68
BD237
BC377
1.5k
2xLD271
220
µF
16V
Figure 2 : IR Transmitter Using M709 or
M710
LOCAL
KEYBOARD
M3870
ON/OFF
TELETEXT
L201
TDA2320
INT
DATA
BUS
4MHz cK
36
ANALOGUE
OUTPUTS
BAND
DIGITAL
FILTER
4MHz
Figure 3 : MMC II - PL L TV Frequency
Synthetizer
TDA2320
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com