Electronic Components Datasheet Search
  English  ▼

X  

36DA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 36DA
Description  Aluminum Capacitors 85 °C and 95 °C, Large Can
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DA Datasheet(HTML) 5 Page - Vishay Siliconix

  36DA Datasheet HTML 1Page - Vishay Siliconix 36DA Datasheet HTML 2Page - Vishay Siliconix 36DA Datasheet HTML 3Page - Vishay Siliconix 36DA Datasheet HTML 4Page - Vishay Siliconix 36DA Datasheet HTML 5Page - Vishay Siliconix 36DA Datasheet HTML 6Page - Vishay Siliconix 36DA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 42067
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
251
36DA
Aluminum Capacitors
+ 85 °C and + 95 °C, Large Can
Vishay Sprague
ORDERING EXAMPLE
Electrolytic capacitor 36DA series:
36DA 183 F 016 AN 2 A
DIMENSIONS in inches (millimeters)
BRACKETS (RoHS COMPLIANT)
TYPE
PART NUMBER
A
B
C
FIGURE NUMBER
2 Feet
1245860035A
1.375 (35.0)
1.781 (45.0)
2.218 (56.3)
1
3 Feet
1245860036A
2.000 (51.0)
2.500 (64.0)
2.875 (73.0)
2
3 Feet
1245860037A
2.500 (64.0)
3.000 (76.0)
3.375 (85.7)
2
3 Feet
1245860038A
3.000 (76.0)
3.500 (88.9)
3.875 (98.4)
2
°
°
°
Large Can Brackets
DESCRIPTION
CODE
EXPLANATION
36DA
Product type
183
Capacitance value (18 000 µF)
F
Tolerance (G = - 10 %/+ 75 %; F = -10 %/+ 50 %)
016
Voltage rating at 85 °C (16 V)
AN
Can size (see dimensions table)
2
PVC insulating sleeve
A
Terminal code (low insert 10-32 screw thread)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com