Electronic Components Datasheet Search
  English  ▼

X  

36DA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 36DA
Description  Aluminum Capacitors 85 °C and 95 °C, Large Can
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DA Datasheet(HTML) 4 Page - Vishay Siliconix

  36DA Datasheet HTML 1Page - Vishay Siliconix 36DA Datasheet HTML 2Page - Vishay Siliconix 36DA Datasheet HTML 3Page - Vishay Siliconix 36DA Datasheet HTML 4Page - Vishay Siliconix 36DA Datasheet HTML 5Page - Vishay Siliconix 36DA Datasheet HTML 6Page - Vishay Siliconix 36DA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
36DA
Vishay Sprague
Aluminum Capacitors
+ 85 °C and + 95 °C, Large Can
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42067
250
Revision: 29-Aug-08
DIMENSIONS in inches (millimeters)
BOARD
NOMINAL CASE
DIAMETER
A
± 0.032 (0.8)
B
± 0.032 (0.8)
C
± 0.032 (0.8)
E
± 0.032 (0.8)
F
± 0.032 (0.8)
G
± 0.020 (0.5)
1.375 (35.0)
0.500 (12.7)
0.250 (6.4)
0.937 (23.8)
0.375 (9.5)
0.550 (14.0)
0.312 (7.9)
1.750 (44.0)
0.700 (17.8)
0.350 (8.9)
1.350 (31.8)
0.525 (13.3)
0.900 (22.9)
0.312 (7.9)
2.000 (51.0)
0.800 (20.3)
0.400 (10.2)
1.400 (38.10)
0.575 (14.6)
1.000 (25.4)
0.312 (7.9)
Large Can Circuit Board Layout
(Bottom View)
Circuit Board Mount “P” Terminal Dimensions
0.039 [1.0]
0.079 [2.0]
Large Can Mounting Kits (Insulated)
Large Can Mounting Kits (Uninsulated)
DIMENSIONS in inches (millimeters)
MOUNTING KITS
TYPE
PART NUMBER
E
F
G
H
M
Insulated M8
50-8
0.331 (8.4)
1.0 (25.0)
1.0 (25.0)
-
0.669 (17.0)
Uninsulated M8
50-8A
0.331 (8.4)
-
0.551 (14.0)
0.31 (0.8)
0.512 (13.0)
Insulated M12
50-8B
0.512 (13.0)
1.181 (30.0)
1.0 (25.0)
-
0.748 (19.0)
Uninsulated M12
50-8C
0.512 (13.0)
-
0.807 (20.5)
0.38 (1.0)
0.748 (19.0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com