Electronic Components Datasheet Search
  English  ▼

X  

041-043ASH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 041-043ASH
Description  Aluminum Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

041-043ASH Datasheet(HTML) 6 Page - Vishay Siliconix

  041-043ASH Datasheet HTML 1Page - Vishay Siliconix 041-043ASH Datasheet HTML 2Page - Vishay Siliconix 041-043ASH Datasheet HTML 3Page - Vishay Siliconix 041-043ASH Datasheet HTML 4Page - Vishay Siliconix 041-043ASH Datasheet HTML 5Page - Vishay Siliconix 041-043ASH Datasheet HTML 6Page - Vishay Siliconix 041-043ASH Datasheet HTML 7Page - Vishay Siliconix 041-043ASH Datasheet HTML 8Page - Vishay Siliconix 041-043ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329
192
Revision: 05-May-08
041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors
Axial Standard, High Voltage
IMPEDANCE (Z)
10
2
10
1
10
-1
Z
( )
Ω
T
amb (°C)
Fig.8 Typical impedance of capacitance as a function
of ambient temperature
Z
0 = impedance at 20 °C, 100 Hz
- 50
0
50
100
2
1
Curve 1: case Ø D x L = 10 x 30 to 21 to 38 mm
Curve 2: case Ø D x L = 6.5 x 18 to 10 to 25 mm
106
105
10
4
10
3
102
f (Hz)
Z
( )
Ω
T
amb (°C)
Fig.7 Typical impedance as a function
of frequency
Case Ø D x L = 8 x 18 mm
Curve 1: 2.2 µF
Curve 2: 4.7 µF
Curve 3: 10 mF
10
3
10
2
10
1
1
2
3
106
105
10
4
10
3
102
f (Hz)
Z
( )
Ω
T
amb (20 °C)
Fig.10 Typical impedance as a function
of frequency
Case Ø D x L = 10 x 18 mm to 10 x 25 mm
10
3
10
2
10
1
Curve 1: 4.7 µF
Curve 2: 10 µF
Curve 3: 22 µF
1
2
3
106
105
10
4
10
3
102
f (Hz)
Curve 1: 10 µF, 350 and 385 V; - 40 °C
Curve 2: 15 µF, 250 V; - 40 °C
Curve 3: 33 µF, 160 V; - 40 °C
Curve 4: 10 µF, 350 and 385 V; 20 °C
Curve 5: 15 µF, 250 V; 20 °C
Curve 6: 33 µF, 160 V; 20 °C
Curve 7: 10 µF, 350 and 385 V; 85 °C
Curve 8: 15 µF, 250 V; 85 °C
Curve 9: 33 µF, 160 V; 85 °C
Fig.11 Typical impedance as a function of frequency
at different ambient temperatures
Case Ø D x L = 12.5 x 30 mm
10
3
10
2
10
1
10
-1
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com