Electronic Components Datasheet Search
  English  ▼

X  

041-043ASH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 041-043ASH
Description  Aluminum Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

041-043ASH Datasheet(HTML) 1 Page - Vishay Siliconix

  041-043ASH Datasheet HTML 1Page - Vishay Siliconix 041-043ASH Datasheet HTML 2Page - Vishay Siliconix 041-043ASH Datasheet HTML 3Page - Vishay Siliconix 041-043ASH Datasheet HTML 4Page - Vishay Siliconix 041-043ASH Datasheet HTML 5Page - Vishay Siliconix 041-043ASH Datasheet HTML 6Page - Vishay Siliconix 041-043ASH Datasheet HTML 7Page - Vishay Siliconix 041-043ASH Datasheet HTML 8Page - Vishay Siliconix 041-043ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
041 - 043 ASH
Vishay BCcomponents
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
187
Aluminum Capacitors
Axial Standard, High Voltage
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case,
insulated with a blue sleeve
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 x 30 mm available for
automatic insertion
• Useful life: 5000 to 15 000 hours at 85 °C
• High rated voltage: up to 450 V
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• General purpose, industrial, power supply, audio-video
• Smoothing, filtering, buffering at high voltages
• Boards with restricted mounting height, vibration and
shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for - 10 to + 50 %)
• Rated voltage (in V)
• Upper category temperature (85 °C)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number (041, 042 or 043)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
6.5 x 18
to 10 x 25
10 x 30
to 21 x 38
Rated capacitance range, CR
1to220 µF
Tolerance on CR
- 10 to + 50 %
Rated voltage range, UR
160 to 450 V
Category temperature range
- 40 to + 85
°C
(450 V: - 25 to + 85
°C)
Endurance test at 85
°C
2000 hours
8000 hours
(450 V:
5000 hours)
Useful life at 85
°C
5000 hours
15 000 hours
(450 V:
10 000 hours)
Useful life at 40
°C
1.4 x IR
applied:
120 000 hours
1.8 x IR applied:
240 000 hours
(450 V:
160 000 hours)
Shelf life at 0 V, 85 °C
500 hours
500 hours
Based on sectional
specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56 (450 V: 25/085/56)
Fig.1 Component outlines
low voltage
lighting
applications
021 ASM
138 AML
041/043 ASH
042/043
AMH-ELB 85 °C
AHH-ELB 105 °C
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
160
250
350
385
400
450
1.0
-
-
-
6.5 x 18
-
-
2.2
-
6.5 x 18
-
8 x 18
-
-
4.7
6.5 x 18
8 x 18
10 x 18
10 x 25
-
-
6.8
-
-
10 x 30
10 x 30
10 x 30
10 x 30
10
8 x 18
10 x 25
12.5 x 30
12.5 x 30
12.5 x 30
12.5 x 30
-10 x 30
-
-
-
-
15
-
12.5 x 30
12.5 x 30
15 x 30
15 x 30
12.5 x 30
22
10 x 25
12.5 x 30
15 x 30
18 x 30
18 x 30
15 x 30
10 x 30
-
-
-
-
-
33
12.5 x 30
15 x 30
18 x 30
18 x 38
18 x 38
18 x 30
47
15 x 30
18 x 30
18 x 38
18 x 38
18 x 38
18 x 38
68
15 x 30
18 x 38
21 x 38
21 x 38
21 x 38
21 x 38
100
18 x 30
21 x 38
-
-
-
-
150
18 x 38
-
-
-
-
-
220
21 x 38
-
-
-
-
-


Similar Part No. - 041-043ASH

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
041-039 ELMA-041-039 Datasheet
904Kb / 4P
SYSMON 3GEN
More results

Similar Description - 041-043ASH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
030AS VISHAY-030AS Datasheet
111Kb / 9P
Aluminum Capacitors Axial Standard
15-Oct-08
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
Aluminum Capacitors Axial Standard
13-Apr-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard Miniature
16-Sep-16
041ASH VISHAY-041ASH Datasheet
225Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com