Electronic Components Datasheet Search
  English  ▼

X  

2SC6146 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC6146
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6146 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC6146 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC6146
No. A1160-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=10V, IC=0.1A
20
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
10
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.5A, IB=0.1A
0.8
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.5A, IB=0.1A
1.5
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=1mA, IE=0A
800
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
800
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=5mA, RBE=∞
350
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0A
8
V
Turn-ON Time
ton
IC=0.5A, IB1=0.05A, IB2=--0.5A, RL=400Ω, VCC=200V
1.0
μs
Storage Time
tstg
IC=0.5A, IB1=0.05A, IB2=--0.5A, RL=400Ω, VCC=200V
1.0
μs
Fall Time
tf
IC=0.5A, IB1=0.05A, IB2=--0.5A, RL=400Ω, VCC=200V
0.3
μs
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7519-003
VR
RB
VCC=200V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
12
3
6.9
0.5
0.6
2.5
1.45
1.0
0.9
0.45
2.54
2.54
1 : Emitter
2 : Collector
3 : Base
SANYO : NMP
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
0
0.5
1.5
2.5
3.5
4.5
0
1.0
2.0
3.0
4.0
0.2
0.4
0.6
0.8
1.0
5.0
00.4
0.2
0.6
0.8
1.0
1.2
0.4
0.5
0.6
1.0
0.9
0.8
0.7
0
0.1
0.3
0.2
IT13485
IT13486
VCE=5V
IB=0mA
10mA
20mA
30mA
40mA
80mA
100mA
90mA
200mA
150mA
70mA
60mA
50mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com