Electronic Components Datasheet Search
  English  ▼

X  

2SC6146 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6146
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6146 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6146 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6146
No. A1160-3/4
Collector Current, IC -- A
SW Time -- IC
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
hFE -- IC
0.01
5
0.1
7
3
5
2
7
3
1.0
5
2
7
3
23
5
7
23
5
7
0.1
1.0
0.001
0.01
2
3
57
2
3
57
2
3
57
0.1
1.0
2
10
1.0
3
5
7
2
3
5
5
7
100
3
2
--40°C
25°C
Ta=120°C
IT13487
IT13490
VCE=0.7V
Ta=
120
°C
--40°C
IC / IB=5
25°
C
IT13492
IT13493
0.1
1.0
1.0
0.1
tstg
tf
0.1
2
0.01
3
25
7
1.0
35
7
1.0
3
2
2
5
7
3
IC / IB=5
IC/IB1= 10
IB2/IB1= 10
R Load
Ta= --40°C
25°C
120°C
0.001
0.01
2
3
57
2
3
57
2
3
57
0.1
1.0
5
3
10
7
2
3
5
5
7
100
3
2
--40°C
25°C
Ta=120°C
IT13488
VCE=5V
0.01
0.1
5
7
5
2
7
3
1.0
5
2
7
3
10
2
3
57
2
3
57
0.1
1.0
IT13491
Ta=
120
°C
--40°C
IC / IB=10
25°
C
1.0
10
23
5
7
23
5
7
5
3
2
7
10
3
2
IT13489
f=1MHz
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT13699
0.001
0.01
7
5
3
2
7
5
3
2
7
5
5
3
2
0.1
1.0
2
3
1.0
0.1
2
3
2
57
7
100
22
55
33
7
10
5
37
ICP=2A
IC=1A
DC
operation
1ms
10ms
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com