Electronic Components Datasheet Search
  English  ▼

X  

53D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 53D
Description  Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

53D Datasheet(HTML) 1 Page - Vishay Siliconix

  53D Datasheet HTML 1Page - Vishay Siliconix 53D Datasheet HTML 2Page - Vishay Siliconix 53D Datasheet HTML 3Page - Vishay Siliconix 53D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 42037
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 22-Jul-08
459
Aluminum Capacitors
+ 85 °C, Tubular, Axial Lead, General Purpose
53D
Vishay Sprague
FEATURES
• General purpose capacitor
• Rugged construction
• Largest CV ratings in axial leaded capacitor
Fig.1 Component outlines
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.75" x 1.125"
[19.05 x 28.575]
to
1.375"x 4.125"
[34.925 x 104.775]
Operating temperature
- 40 °C to + 85 °C
Rated capacitance range, CR
15 µF to 220 000 µF
Tolerance on CR
- 10 %, + 50 %; - 10 %, + 75 %
Rated voltage range, UR
6.3 WVDC to 450 WVDC
Termination
Axial leads
Life validation test at 85 °C
1000 hours:
Δ CAP ≤ 15 % from
initial measurement.
Δ ESR
≤ 1.5 x initial specified limit.
Δ DCL ≤ initial specified limit
Shelf life at 85 °C
500 hours:
Δ CAP ≤ 10 % from
initial measurement.
Δ ESR
≤ 1.3 x initial specified limit.
Δ DCL ≤ 2.0 x initial
specified limit.
DC leakage current
I = K
K = 6.0 at + 25 °C;
36.0 at + 85 °C
I in µA, C in µF, V in Volts
cv
·
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
Ambient Temperature
Multipliers
+ 75 °C
1.4
+ 65 °C
1.7
+ 45 °C and below
2.0
FREQUENCY (Hz)
WVDC
50 - 60
300 - 400
1000 AND UP
0 - 50
0.85
1.10
1.15
51 - 299
0.85
1.15
1.20
300 - up
0.80
1.30
1.40
LOW TEMPERATURE PERFORMANCE
CAPACITANCE RATIO C - 40 °C/C + 25 °C MINIMUM at 120 Hz
Rated Voltage (WVDC)
Capacitance Remaining
0 - 40
35
41 - 63
45
64 - 100
60
101 - 350
20
351 - 450
15
ESR RATIO ESR - 40 °C/ESR + 25 °C MAXIMUM at 120 Hz
Rated Voltage (WVDC)
Multiplier
0 - 40
60
41 - 63
55
64 - 100
65
101 - 350
180
351 - 450
190
DIMENSIONS in inches [millimeters]
CASE
CODE
STYLE 6 AND 7
TYPICAL
WEIGHT
CASE
CODE
STYLE 6 AND 7
TYPICAL
WEIGHT
DL
D
L
GE
0.760 ± 0.020
[19.3 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.58]
0.46 oz.
(13 g)
GL
0.760 ± 0.020
[19.3 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.58]
0.74 oz.
(21 g)
GJ
0.760 ± 0.020
[19.3 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.58]
0.67 oz.
(19 g)
GP
0.760 ± 0.020
[19.3 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.58]
0.88 oz.
(25 g)
GS
0.760 ± 0.020
[19.3 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.58]
1.16 oz.
(33 g)
KS
1.135 ± 0.020
[28.8 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.58]
2.54 oz.
(72 g)
GT
0.760 ± 0.020
[19.3 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.58]
1.34 oz.
(38 g)
KT
1.135 ± 0.020
[28.8 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.58]
2.96 oz.
(84 g)
HE
0.885 ± 0.020
[22.5 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.58]
0.63 oz.
(18 g)
KD
1.135 ± 0.020
[28.8 ± 0.51]
4.141 ± 0.062
[105.2 ± 1.58]
3.35 oz.
(95 g)


Similar Part No. - 53D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
53D VISHAY-53D Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
logo
SUNMATE electronic Co.,...
53D SUNMATE-53D Datasheet
888Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
53D YINT-53D Datasheet
467Kb / 3P
High-Energy Varistors
logo
YAGEO Corporation
53D YAGEO-53D Datasheet
432Kb / 7P
Metal Oxide Varistor (MOV)
Apr. 25, 2024 V.0
logo
SUNMATE electronic Co.,...
53D102K SUNMATE-53D102K Datasheet
888Kb / 4P
METAL OXIDE VARISTORS
More results

Similar Description - 53D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
516D VISHAY-516D Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
16-Apr-13
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
Aluminum Capacitors 85 C, Miniature, Axial Lead
16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
03-Mar-15
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
04-May-2018
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com