Electronic Components Datasheet Search
  English  ▼

X  

53D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 53D
Description  Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

53D Datasheet(HTML) 3 Page - Vishay Siliconix

  53D Datasheet HTML 1Page - Vishay Siliconix 53D Datasheet HTML 2Page - Vishay Siliconix 53D Datasheet HTML 3Page - Vishay Siliconix 53D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 42037
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 22-Jul-08
461
53D
Aluminum Capacitors
+ 85 °C, Tubular, Axial Lead, General Purpose
Vishay Sprague
ORDERING EXAMPLE
Electrolytic capacitor 53D series:
53D 282 G 025 GJ 6
Note
(1) These Part Numbers are normally stocked. Many other values are available on special order. Please contact your distributor for price and delivery.
DESCRIPTION
CODE
EXPLANATION
53D
product type
282
capacitance value (2800 µF)
G
tolerance (G = - 10 %/+ 75 %; F = - 10 %/+ 50 %)
025
voltage rating at 85 °C (025 = 25 V)
GJ
can size (see dimensions table)
6
sleeve and sealing (6 = P.V.C. sleeve)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR at + 25 °C
120 Hz
(m
Ω)
MAX. RMS RIPPLE at + 85 °C
120 Hz
(mA)
16 WVDC at + 85 °C, SURGE = 18 V
6900.0
HJ
53D692G016HJ6
73
2150
10000.0
HL
53D103G016HL6
52
2840
25 WVDC at + 85 °C, SURGE = 35 V
2800.0
GJ
53D282G025GJ6
103
1650
4300.0
HJ
53D432G025HJ6
72
2170
6200.0
HL
53D622G025HL6
51
2870
11000.0
JP
53D113G025JP6
33
4230
35 WVDC at + 85 °C, SURGE = 45 V
1100.0
GE
53D112G035GE6
219
980
2100.0
GJ
53D212G035GJ6
111
1590
3200.0
HJ
53D322G035HJ6
77
2090
4700.0
HL
53D472G035HL6
54
2780
8300.0
JP
53D832G035JP6
34
4110
50 WVDC at + 85 °C, SURGE = 70 V
1000.0
GE
53D102G050GE6
231
950
1300.0
GJ
53D132G050GJ6
131
1470
1900.0
HJ
53D192G050HJ6
94
1900
2800.0
HL
53D282G050HL6
65
2540
3800.0
JL
53D382G050JL6
51
3090
5000.0
JP
53D502G050JP6
40
3810
63 WVDC at + 85 °C, SURGE = 80 V
1000.0
GJ
53D102G063GJ6
145
1400
2200.0
HL
53D222G063HL6
86
2210
200 WVDC at + 85 °C, SURGE = 250 V
350.0
JL
53D351F200JL6
499
1000
460.0
JP
53D461F200JP6
379
1250
250 WVDC at + 85 °C, SURGE = 300 V
56.0
GE
53D560F250GE6
3035
263
100.0
GJ
53D101F250GJ6
1593
420
130.0
HJ
53D131F250HJ6
1238
520
400 WVDC at + 85 °C, SURGE = 450 V
100.0
JL
53D101F400JL6
1524
560
140.0
JS
53D141F400JS6
1084
790
150.0
JS
53D151F400JS6
1011
820



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com