Electronic Components Datasheet Search
  English  ▼

X  

80D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 80D
Description  Aluminum Capacitors 85 째C, Snap-In
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D Datasheet(HTML) 3 Page - Vishay Siliconix

  80D Datasheet HTML 1Page - Vishay Siliconix 80D Datasheet HTML 2Page - Vishay Siliconix 80D Datasheet HTML 3Page - Vishay Siliconix 80D Datasheet HTML 4Page - Vishay Siliconix 80D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
80D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42060
220
Revision: 27-Aug-08
ORDERING EXAMPLE
Electrolytic capacitor 80D series:
80D 122 P 200 ME 2 D E3
DESCRIPTION
CODE
EXPLANATION
80D
product type
122
capacitance value (1200 µF)
P
tolerance (P = - 10 %/+ 30 %)
200
voltage rating at 85 °C (200 V)
MA
can size (see dimensions table)
2
pvc insulating sleeve
D
terminal style (D = 2 pin snap-in)
E3
RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
MAX. RIPPLE at + 85°C (A)
120 HZ
10 kHZ to 40 kHZ
120 HZ
10 kHZ to 40 kHZ
16 WVDC at + 85 °C, SURGE = 20 V
3900.0 (1)
80D392P016HA2D
0.866 x 0.984 (22.0 x 25.0)
113.0
99.0
2.5
2.8
5600.0
80D562P016HB2D
0.866 x 1.18 (22.0 x 30.0)
85.0
74.0
3.0
3.4
8200.0
80D822P016JB2D
0.984 x 1.18 (25.0 x 30.0)
73.0
65.0
3.3
3.6
8200.0
80D822P016KA2D
1.18 x 0.984 (30.0 x 25.0)
91.0
84.0
2.8
3.0
10 000.0 (1)
80D103P016JC2D
0.984 x 1.38 (25.0 x 35.0)
59.0
53.0
3.9
4.2
15 000.0 (1)
80D153P016JE2D
0.984 x 1.97 (25.0 x 50.0)
37.0
33.0
5.6
6.0
22 000.0
80D223P016KE2D
1.18 x 1.97 (30.0 x 50.0)
35.0
32.0
5.8
6.1
33 000.0 (1)
80D333P016ME2D
1.38 x 1.97 (35.0 x 50.0)
19.0
17.0
9.4
10.0
25 WVDC at + 85 °C, SURGE = 30 V
2700.0 (1)
80D272P025HA2D
0.866 x 0.984 (22.0 x 25.0)
120.0
99.0
2.4
2.8
3300.0 (1)
80D332P025HB2D
0.866 x 1.18 (22.0 x 30.0)
90.0
74.0
2.9
3.4
4700.0
80D427P025JB2D
0.984 x 1.18 (25.0 x 30.0)
76.0
65.0
3.2
3.6
6800.0 (1)
80D682P025KB2D
1.18 x 1.18 (30.0 x 30.0)
71.0
63.0
3.4
3.6
10 000.0 (1)
80D103P025JE2D
0.984 x 1.97 (25.0 x 50.0)
39.0
33.0
5.4
6.0
10 000.0 (1)
80D103P025MB2D
1.38 x 1.18 (35.0 x 30.0)
38.0
33.0
5.5
6.2
15 000.0 (1)
80D153P025KE2D
1.18 x 1.97 (30.0 x 50.0)
36.0
32.0
5.7
6.1
22 000.0 (1)
80D223P025ME2D
1.38 x 1.97 (35.0 x 50.0)
19.0
17.0
9.1
10.0
35 WVDC at + 85 °C, SURGE = 44 V
3300.0
80D332P035HB2D
0.866 x 1.18 (22.0 x 30.0)
96.0
74.0
2.7
3.4
4700.0 (1)
80D472P035KB2D
1.18 x 1.18 (30.0 x 30.0)
-
-
-
-
6800.0 (1)
80D682P035KC2D
1.18 x 1.38 (30.0 x 35.0)
60.0
51.0
3.8
4.2
10 000.0 (1)
80D103P035MC2D
1.38 x 1.38 (35.0 x 35.0)
33.0
27.0
6.2
7.2
12 000.0 (1)
80D123P035KE2D
1.38 x 1.38 (35.0 x 35.0)
33.0
27.0
6.2
7.2
15 000.0 (1)
80D153P035ME2D
1.38 x 1.97 (35.0 x 35.0)
20.0
17.0
8.8
10.0
50 WVDC at + 85 °C, SURGE = 63 V
1200.0 (1)
80D122P050HA2D
0.866 x 0.984 (22.0 x 25.0)
144.0
99.0
2.8
2.0
1500.0
80D152P050HB2D
0.866 x 1.18 (22.0 x 30.0)
108.0
74.0
2.4
3.4
2200.0 (1)
80D222P050HD2D
0.866 x 1.57 (22.0 x 40.0)
69.0
48.0
3.4
4.7
3300.0 (1)
80D332P050JD2D
0.984 x 1.57 (25.0 x 40.0)
57.0
42.0
3.9
4.9
3300.0 (1)
80D332P050KB2D
1.18 x 1.18 (30.0 x 30.0)
79.0
63.0
3.1
3.6
4700.0 (1)
80D472P050KD2D
1.18 x 1.57 (30.0 x 40.0)
51.0
41.0
4.3
4.9
6800.0 (1)
80D682P050KE2D
1.18 x 1.97 (30.0 x 50.0)
40.0
32.0
5.3
6.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com