Electronic Components Datasheet Search
  English  ▼

X  

80D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 80D
Description  Aluminum Capacitors 85 째C, Snap-In
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D Datasheet(HTML) 4 Page - Vishay Siliconix

  80D Datasheet HTML 1Page - Vishay Siliconix 80D Datasheet HTML 2Page - Vishay Siliconix 80D Datasheet HTML 3Page - Vishay Siliconix 80D Datasheet HTML 4Page - Vishay Siliconix 80D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 42060
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 27-Aug-08
221
80D
Aluminum Capacitors
+ 85 °C, Snap-In
Vishay Sprague
Note
(1) These ratings are normally stocked.
Some Inventory may include PVC sleeve with resin end seal (5D).
Additional Part Numbers normally found in distribution inventory include:
63 WVDC at + 85 °C, SURGE = 79 V
820.0
80D821P063HA2D
0.866 x 0.984 (22.0 x 25.0)
132.0
82.0
2.0
3.0
1200.0 (1)
80D122P063HB2D
0.866 x 1.18 (22.0 x 30.0)
99.0
62.0
2.4
3.6
1500.0
80D152P063JB2D
0.984 x 1.18 (25.0 x 30.0)
82.0
55.0
2.8
3.8
2200.0
80D222P063KB2D
1.18 x 1.18 (30.0 x 30.0)
72.0
54.0
3.2
3.9
3300.0 (1)
80D332P063MB2D
1.38 x 1.18 (35.0 x 30.0)
40.0
28.0
5.0
6.6
4700.0 (1)
80D472P063KE2D
1.18 x 1.97 (30.0 x 50.0)
36.0
28.0
5.4
6.4
6800.0 (1)
80D682P063ME2D
1.38 x 1.97 (35.0 x 50.0)
21.0
15.0
8.3
10.0
100 WVDC at + 85 °C, SURGE = 125 V
390.0
80D391P100HA2D
0.866 x 0.984 (22.0 x 25.0)
241.0
138.0
1.5
2.7
560.0
80D561P100HB2D
0.866 x 1.18 (22.0 x 30.0)
179.0
103.0
1.8
3.3
680
.0
80D681P100JB2D
0.984 x 1.18 (25.0 x 30.0)
139.0
85.0
2.2
3.5
1000.0
80D102P100KB2D
1.18 x 1.18 (30.0 x 30.0)
111.0
74.0
2.7
3.7
1500.0
80D152P100JE2D
0.984 x 1.97 (25.0 x 25.0)
68.0
42.0
3.9
5.9
2200.0
80D222P100KE2D
1.18 x 1.97 (30.0 x 50.0)
55.0
37.0
4.7
6.2
3300.0
80D332P100ME2D
1.38 x 1.97 (35.0 x 50.0)
50.0
37.0
5.2
6.2
200 WVDC at + 85 °C, SURGE = 250 V
100.0
80D101P200HA2D
0.866 x 0.984 (22.0 x 25.0)
1057.0
505.0
0.75
2.2
150.0
80D151P200JA2D
0.984 x 0.984 (25.0 x 25.0)
660.0
375.0
1.3
3.2
220.0 (1)
80D221P200KA2D
1.18 x 0.984 (30.0 x 25.0)
460.0
272.0
1.7
3.6
330.0 (1)
80D331P200KC2D
1.18 x 1.38 (30.0 x 35.0)
278.0
165.0
2.4
4.9
470.0 (1)
80D471P200KD2D
1.18 x 1.57 (30.0 x 40.0)
220.0
131.0
2.8
5.7
680.0
80D681P200KD2D
1.18 x 1.57 (30.0 x 40.0)
248.0
127.0
2.1
4.7
820.0 (1)
80D821P200ME2D
1.38 x 1.97 (35.0 x 35.0)
130.0
82.0
4.3
7.4
1000.0 (1)
80D102P200ME2D
1.38 x 1.97 (35.0 x 50.0)
144.0
81.0
3.4
6.6
1200.0 (1)
80D122P200ME2D
1.38 x 1.97 (35.0 x 50.0)
141.0
75.0
3.4
6.6
250 WVDC at + 85 °C, SURGE = 300 V
100.0 (1)
80D101P250JA2D
0.984 x 0.984 (25.0 x 25.0)
720.0
377.0
1.1
3.2
150.0
80D151P250JB2D
0.984 x 1.18 (25.0 x 30.0)
541.0
284.0
1.4
3.8
220.0 (1)
80D221P250JD2D
0.984 x 1.57 (25.0 x 40.0)
343.0
182.0
2.0
5.2
330.0
80D331P250JE2D
0.984 x 1.97 (25.0 x 50.0)
263.0
140.0
2.5
6.3
470.0
80D471P250KE2D
1.18 x 1.97 (30.0 x 50.0)
185.0
101.0
3.2
7.0
680.0 (1)
80D681P250ME2D
1.38 x 1.97 (35.0 x 50.0)
191.0
81.0
4.0
7.4
80D102P050HA2D
80D182P035HA2D
80D332P063JE2D
80D682P035JE2D
80D102P063HB2D
80D222P035HB2D
80D333P010KE2D
80D682P035MB2D
80D102P100JD2D
80D222P050KA2D
80D391P200MB2D
80D682P050MD2D
80D102P200MD2D
80D222P063JD2D
80D392P050JE2D
80D820P250HA2D
80D103P035KE2D
80D222P080JE2D
80D472P050JC2D
80D822P025JD2D
80D123P016KB2D
80D223P010MB2D
80D472P050JE2D
80D822P035MB2D
80D152P050JA2D
80D272P035HB2D
80D472P050MB2D
80D822P050ME2D
80D153P016MB2D
80D272P035JA2D
80D681P200MD2D
Other capacitance values are available on request. Call
for a quotation for price and delivery.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
MAX. RIPPLE at + 85°C (A)
120 HZ
10 kHZ to 40 kHZ
120 HZ
10 kHZ to 40 kHZ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com