Electronic Components Datasheet Search
  English  ▼

X  

81DA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 81DA
Description  Aluminum Capacitors 105 °C, Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

81DA Datasheet(HTML) 1 Page - Vishay Siliconix

  81DA Datasheet HTML 1Page - Vishay Siliconix 81DA Datasheet HTML 2Page - Vishay Siliconix 81DA Datasheet HTML 3Page - Vishay Siliconix 81DA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
81DA
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42063
234
Revision: 26-Aug-08
FEATURES
• Improved performance
• Operating temperature to + 105 °C
• High ripple current capability
• Low ESR
• Replaces type 81D
Fig.1 Component Outlines
Available
Pb-free
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Noal case size
ØD x L in mm
0.87" x 1.00" (22.0 x 25.0)
to 1.38" x 3.18" (35.0 x 80.0)
Operating temperature
- 40 °C to + 105 °C
Rated capacitance
range, CR
47 µF to 180 000 µF
Tolerance on CR
± 20 %
Rated voltage range,
UR
6.3 WVDC to 400 WVDC
Termination
Snap in
Life validation test
at 105 °C
2000 h:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.5 x initial
specified limit.
Δ DCL ≤ initial specified
limit
Shelf life at 85 °C
500 h:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.3 x initial
specified limit.
Δ DCL ≤ 2 x initial
specified limit
DC leakage current
5 min charge time
I = K
K = 4.0 at + 25 °C
I in µA, C in µF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 55 °C
1.5
+ 65 C
1.34
+ 75 °C
1.2
+ 85 °C
1.0
+ 95 °C
0.77
+ 105 °C
0.45
FREQUENCY (Hz)
WVDC
50 TO 60
300 TO 1000
1000 AND
UP
0 - 49
0.85
1.10
1.15
50 - 199
0.83
1.15
1.20
200 - 400
0.80
1.30
1.40
DIMENSIONS in inches (millimeters)
CASE
CODE
DIAMETER
LENGTH
STYLE 2
TYPICAL
WEIGHT
(g)
CASE
CODE
DIAMETER
LENGTH
STYLE 2
TYPICAL
WEIGHT
(g)
D + 0.04 - 0 (+ 1.0 - 0)
L ± 0.08 (2.0)
D + 0.04 - 0 (+ 1.0 - 0)
L ± 0.08 (2.0)
HA
0.87 (22.0)
1.00 (25.0)
16.0
MB
1.38 (35.0)
1.18 (30.0)
48.0
HB
0.87 (22.0)
1.18 (30.0)
19.0
MC
1.38 (35.0)
1.38 (35.0)
54.0
HD
0.87 (22.0)
1.57 (40.0)
24.0
MD
1.38 (35.0)
1.57 (40.0)
61.0
JA
1.00 (25.0)
1.00 (25.0)
20.0
ME
1.38 (35.0)
2.00 (50.0)
74.0
JB
1.00 (25.0)
1.18 (30.0)
24.0
MF
1.38 (35.0)
2.50 (63.0)
91.0
JC
1.00 (25.0)
1.38 (35.0)
27.0
MG
1.38 (35.0)
3.18 (80.0)
113.0
JD
1.00 (25.0)
1.57 (40.0)
31.0
NA
1.58 (40.0)
1.00 (25.0)
48.0
JE
1.00 (25.0)
2.00 (50.0)
38.0
NB
1.58 (40.0)
1.18 (30.0)
58.0
KA
1.18 (30.0)
1.00 (25.0)
30.0
NC
1.58 (40.0)
1.38 (35.0)
66.0
KB
1.18 (30.0)
1.18 (30.0)
35.0
ND
1.58 (40.0)
1.57 (40.0)
81.0
KC
1.18 (30.0)
1.38 (35.0)
39.0
NE
1.58 (40.0)
2.00 (50.0)
103.0
KD
1.18 (30.0)
1.57 (40.0)
44.0
NF
1.58 (40.0)
2.50 (63.0)
128.0
KE
1.18 (30.0)
2.00 (50.0)
53.0
NG
1.58 (40.0)
3.18 (80.0)
183.0


Similar Part No. - 81DA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
81DA103M025JC2D VISHAY-81DA103M025JC2D Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
81DA103M035KB2D VISHAY-81DA103M035KB2D Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
81DA123M6R3HA2D VISHAY-81DA123M6R3HA2D Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
81DA153M025KC2D VISHAY-81DA153M025KC2D Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
More results

Similar Description - 81DA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
EYH VISHAY-EYH Datasheet
116Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-in
14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
24-May-13
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com