Electronic Components Datasheet Search
  English  ▼

X  

81DA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 81DA
Description  Aluminum Capacitors 105 °C, Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

81DA Datasheet(HTML) 3 Page - Vishay Siliconix

  81DA Datasheet HTML 1Page - Vishay Siliconix 81DA Datasheet HTML 2Page - Vishay Siliconix 81DA Datasheet HTML 3Page - Vishay Siliconix 81DA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
81DA
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42063
236
Revision: 26-Aug-08
ORDERING EXAMPLE
Electrolytic capacitor 81DA series:
81DA 271 M 250 HD 2 D E3
Note
• Other ratings and voltages available on special order
TERMINAL CONFIGURATION in inches (millimeters)
LEAD
CODE
DESCRIPTION
OUTLINE DRAWINGS
AVAILABLE
DIAMETERS
AVAILABLE
VOLTAGES AND
TYPES
MOUNTING
CONFIGURATION
TERMINAL
CONFIGURATION
D
Standard
2 pin snap-in
0.87 (22.0) - H
0.98 (25.0) - J
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
81D, 81DA
82D, 82DA
A
2 straight wire lead
molded cover with
standoffs
0.98 (25.0) - J
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
82D, 82DA
V < = 250 VDC
81D, 81DA
B
3 straight wire lead
molded cover with
standoffs
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
82D, 82DA
V
≤ 250 VDC
81D, 81DA
+
+
DESCRIPTION
CODE
EXPLANATION
81DA
product type
271
capacitance value (270 µF)
M
tolerance (M = ± 20 %)
250
voltage rating at 105 °C (250 V)
HD
can size (see dimensions table)
2
pvc insulating sleeve
D
terminal style (D = 2 pin snap-in)
E3
RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C (m
Ω)
MAX. RIPPLE at + 85 °C (A)
120 HZ
20 to 40 kHZ
120 HZ
20 to 40 kHZ
25 WVDC at + 105 °C, SURGE = 30 V
10 000.0
81DA103M025JC2D
0.984 x 1.378 (25.0 x 35.0)
48.9
37.2
5.16
6.64
15 000.0
81DA153M025KC2D
1.181 x 1.378 (30.0 x 35.0)
42.2
33.0
6.17
7.30
35 WVDC at + 105 °C, SURGE = 40 V
4700.0
81DA472M035JA2D
0.984 x 0.984 (25.0 x 25.0)
83.3
60.3
3.53
4.76
10 000.0
81DA103M035KB2D
1.181 x 1.181 (30.0 x 30.0)
53.4
41.0
5.19
5.94
50 WVDC at + 105 °C, SURGE = 63 V
6800.0
81DA682M050KC2D
1.181 x 1.378 (30.0 x 50.0)
47.5
33.0
5.82
7.05
200 WVDC at + 105 °C, SURGE = 250V
330.0
81DA331M200JB2D
0.984 x 1.181 (25.0 x 30.0)
399.3
184.4
1.81
2.67
820.0
81DA821M200KD2D
1.181 x 1.575 (30.0 x 40.0)
175.4
85.5
3.37
4.84
250 WVDC at + 105 °C, SURGE = 300V
270.0
81DA271M250HD2D
0.866 x 1.575 (22.0 x 40.0)
408.9
159.5
1.83
2.93
560.0
81DA561M250MB2D
1.378 x 1.181 (35.0 x 30.0)
254.0
113.0
2.82
4.23



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com