Electronic Components Datasheet Search
  English  ▼

X  

82D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 82D
Description  Aluminum Capacitors 85 °C, Snap-In, General Purpose
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82D Datasheet(HTML) 3 Page - Vishay Siliconix

  82D Datasheet HTML 1Page - Vishay Siliconix 82D Datasheet HTML 2Page - Vishay Siliconix 82D Datasheet HTML 3Page - Vishay Siliconix 82D Datasheet HTML 4Page - Vishay Siliconix 82D Datasheet HTML 5Page - Vishay Siliconix 82D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
82D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42062
224
Revision: 27-Aug-08
ORDERING EXAMPLE
Electrolytic capacitor 82D series:
82D 122 M 050 HA 2 D E3
TERMINAL CONFIGURATION (numbers in brackets indicate millimeters)
LEAD
CODE
DESCRIPTION
OUTLINE DRAWINGS
AVAILABLE
DIAMETERS
AVAILABLE
VOLTAGES AND
TYPES
MOUNTING
CONFIGURATION
TERMINAL
CONFIGURATION
D
Standard
2 pin snap-in
0.87 (22.0) - H
0.98 (25.0) - J
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
81D, 81DA
82D, 82DA
A
2 straight wire lead
molded cover with
standoffs
0.98 (25.0) - J
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
82D, 82DA
V
≤ 250 V
DC
81D, 81DA
B
3 straight wire lead
molded cover with
standoffs
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
82D, 82DA
V
≤ 250 V
DC
81D, 81DA
DESCRIPTION
CODE
EXPLANATION
82D
product type
122
capacitance value (1200 µF)
M
tolerance (M = ± 20 %)
50
voltage rating at 85 °C (50 V)
HA
can size (see dimensions table)
2
pvc insulating sleeve
D
terminal style (D = 2 pin snap-in)
E3
RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C (m
Ω)
MAX. RIPPLE at + 85 °C (A)
120 HZ
20 to 40 kHZ
120 HZ
20 to 40 kHZ
16 WVDC at + 85 °C, SURGE = 20 V
10 000.0
82D103M016HB2D
0.866 x 1.181 (22.0 x 30.0)
86.0
63.0
2.38
2.80
15 000.0
82D153M016HD2D
0.866 x 1.575 (22.0 x 40.0)
57.7
42.0
3.25
3.83
15 000.0 (1)
82D153M016JC2D
0.984 x 1.378 (25.0 x 35.0)
58.0
43.0
3.33
3.87
22 000.0
82D223M016KB2D
1.181 x 1.181 (30.0 x 30.0)
53.7
41.0
3.70
4.20
33 000.0
82D333M016KD2D
1.181 x 1.575 (30.0 x 40.0)
35.3
27.0
5.00
5.77
33 000.0
82D333M016MC2D
1.378 x 1.378 (35.0 x 35.0)
28.0
21.0
5.96
6.87
47 000.0
82D473M016MD2D
1.378 x 1.575 (35.0 x 40.0)
23.0
17.0
6.86
6.65
+
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com