Electronic Components Datasheet Search
  English  ▼

X  

82D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 82D
Description  Aluminum Capacitors 85 °C, Snap-In, General Purpose
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82D Datasheet(HTML) 4 Page - Vishay Siliconix

  82D Datasheet HTML 1Page - Vishay Siliconix 82D Datasheet HTML 2Page - Vishay Siliconix 82D Datasheet HTML 3Page - Vishay Siliconix 82D Datasheet HTML 4Page - Vishay Siliconix 82D Datasheet HTML 5Page - Vishay Siliconix 82D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 42062
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 27-Aug-08
225
82D
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
Vishay Sprague
25 WVDC at + 85 °C, SURGE = 30 V
3300.0
82D332M025HA2D
0.866 x 0.984 (22.0 x 25.0)
110.0
76.0
1.98
2.39
4700.0 (1)
82D472M025HB2D
0.866 x 1.181 (22.0 x 30.0)
85.0
58.0
2.40
2.91
6800.0
82D682M025JB2D
0.984 x 1.181 (25.0 x 30.0)
67.0
47.0
2.94
3.49
10 000.0
82D103M025JD2D
0.984 x 1.545 (25.0 x 40.0)
43.4
31.0
4.22
4.96
15 000.0
82D153M025JE2D
0.984 x 1.969 (25.0 x 50.0)
33.9
24.0
4.97
5.96
6800.0
82D682M025KA2D
1.181 x 0.984 (30.0 x 25.0)
71.0
54.0
3.00
3.47
10 000.0
82D103M025KB2D
1.181 x 1.181 (30.0 x 30.0)
54.0
41.0
3.70
4.20
15 000.0
82D153M025KD2D
1.181 x 1.575 (30.0 x 40.0)
36.4
27.0
5.00
5.77
22 000.0
82D223M025MD2D
1.378 x 1.575 (35.0 x 40.0)
23.0
17.0
6.84
7.96
35 WVDC at + 85 °C, SURGE = 40 V
2200.0
82D222M035HA2D
0.866 x 0.984 (22.0 x 25.0)
121.0
76.0
1.88
2.39
3300.0
82D332M035HB2D
0.866 x 1.181 (22.0 x 30.0)
92.0
57.0
2.30
2.94
4700.0
82D472M035JB2D
0.984 x 1.181 (25.0 x 30.0)
72.0
47.0
2.82
3.49
6800.0
82D682M035JD2D
0.984 x 1.575 (25.0 x 40.0)
46.6
30.0
4.08
5.08
10000.0
82D103M035JE2D
0.984 x 1.969 (25.0 x 50.0)
36.3
24.0
4.87
5.96
4700.0
82D472M035KA2D
1.181 x 0.984 (30.0 x 25.0)
75.0
54.0
2.92
3.42
12 000.0
82D123M035KD2D
1.181 x 1.575 (30.0 x 40.0)
37.7
27.0
4.89
5.77
10 000.0 (1)
82D103M035MB2D
1.378 x 1.181 (35.0 x 30.0)
36.0
24.0
4.97
6.10
15 000.0
82D153M035MD2D
1.378 x 1.575 (35.0 x 40.0)
25.0
16.3
6.57
8.13
50 WVDC at + 85 °C, SURGE = 63 V
1200.0
82D122M050HA2D
0.866 x 0.984 (22.0 x 25.0)
148.0
79.0
1.71
2.32
1800.0
82D182M050HB2D
0.866 x 1.181 (22.0 x 30.0)
108.0
58.0
2.12
2.90
2200.0
82D222M050JB2D
0.984 x 1.181 (25.0 x 30.0)
85.0
48.0
2.61
3.49
3900.0
82D392M050JD2D
0.984 x 1.575 (25.0 x 40.0)
53.6
31.0
3.79
4.96
2700.0
82D272M050KA2D
1.181 x 0.984 (30.0 x 25.0)
85.0
54.0
2.73
3.42
4700.0 (1)
82D472M050MB2D
1.378 x 1.181 (35.0 x 30.0)
43.0
24.0
4.56
6.10
6800.0
82D682M050MD2D
1.378 x 1.575 (35.0 x 40.0)
28.0
16.0
6.21
8.21
10 000.0
82D103M050ME2D
1.378 x 1.969 (35.0 x 50.0)
22.0
13.0
7.60
9.87
63 WVDC at + 85 °C, SURGE = 79 V
1000.0 (1)
82D102M063HA2D
0.866 x 0.984 (22.0 x 25.0)
151.0
75.0
1.69
2.39
1500.0
82D152M063JA2D
0.984 x 0.984 (25.0 x 25.0)
121.0
63.0
2.05
2.86
2200.0
82D222M063JC2D
0.984 x 1.378 (25.0 x 35.0)
72.0
38.0
2.97
4.09
3300.0
82D332M063JD2D
0.984 x 1.575 (25.0 x 40.0)
57.0
30.0
3.69
5.08
3300.0
82D332M063KB2D
1.181 x 1.181 (30.0 x 30.0)
68.0
41.0
3.28
4.20
6800.0
82D682M063KE2D
1.181 x 1.969 (30.0 x 50.0)
34.0
22.0
5.56
6.89
4700.0
82D472M063MC2D
1.378 x 1.378 (35.0 x 35.0)
36.0
20.0
5.24
7.04
100 WVDC at + 85 °C, SURGE = 125 V
470.0
82D471M100HB2D
0.866 x 1.181 (22.0 x 30.0)
258.0
114.0
1.37
2.07
680.0
82D681M100JB2D
0.984 x 1.181 (25.0 x 30.0)
188.0
86.0
1.75
2.59
1000.0
82D102M100KB2D
1.181 x 1.181 (30.0 x 30.0)
136.0
66.0
2.31
3.31
1500.0
82D152M100KC2D
1.181 x 1.378 (30.0 x 35.0)
106.0
52.0
2.75
3.95
2200.0
82D222M100KE2D
1.181 x 1.969 (30.0 x 50.0)
66.0
33.0
4.02
5.69
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C (m
Ω)
MAX. RIPPLE at + 85 °C (A)
120 HZ
20 to 40 kHZ
120 HZ
20 to 40 kHZ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com