Electronic Components Datasheet Search
  English  ▼

X  

30CPU04PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 30CPU04PBF
Description  Ultrafast Rectifier, 2 x 15 A FRED PtTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPU04PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  30CPU04PBF Datasheet HTML 1Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 2Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 3Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 4Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 5Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 6Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94013
6
Revision: 21-Jul-08
30CPU04PbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 15 A FRED PtTM
ORDERING INFORMATION TABLE
1
-
Current rating (30 = 30 A)
2
-
Common cathode
3
-
TO-247AC
4
-
Ultrafast recovery
5
-
Voltage rating (04 = 400 V)
Device code
5
13
24
6
30
C
P
U
04
PbF
6
-
None = Standard production
PbF = Lead (Pb)-free
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com