Electronic Components Datasheet Search
  English  ▼

X  

30CPU04PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30CPU04PBF
Description  Ultrafast Rectifier, 2 x 15 A FRED PtTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPU04PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30CPU04PBF Datasheet HTML 1Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 2Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 3Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 4Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 5Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 6Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94013
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jul-08
1
Ultrafast Rectifier,
2 x 15 A FRED PtTM
30CPU04PbF
Vishay High Power Products
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
FRED PtTM series are the state of the art ultrafast recovery
rectifiers specifically designed with optimized performance
of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
60 ns
IF(AV)
2 x 15 A
VR
400 V
TO-247AC
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
Available
Pb-free
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
400
V
Average rectified forward current
per leg
IF(AV)
15
A
total device
Rated VR, TC = 149 °C
30
Non-repetitive peak surge current per leg
IFSM
TC = 25 °C
200
Peak repetitive forward current per leg
IFRM
Rated VR, TC = 149 °C, square wave, 20 kHz
30
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
400
-
-
V
Forward voltage
VF
IF = 15 A
-
1.17
1.25
IF = 15 A, TJ = 150 °C
-
0.93
1.12
Reverse leakage current
IR
VR = VR rated
-
0.3
10
µA
TJ = 150 °C, VR = VR rated
-
30
500
Junction capacitance
CT
VR = 400 V
-
28
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
12
-
nH
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 30CPU04PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPU04PBF IRF-30CPU04PBF Datasheet
163Kb / 7P
ULTRAFAST RECTIFIER
logo
Vishay Siliconix
30CPU04PBF VISHAY-30CPU04PBF Datasheet
158Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
More results

Similar Description - 30CPU04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
03-Apr-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
09-Apr-08
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
24-Jun-08
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com