Electronic Components Datasheet Search
  English  ▼

X  

TDA7309 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7309
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7309 Datasheet HTML 4Page - STMicroelectronics TDA7309 Datasheet HTML 5Page - STMicroelectronics TDA7309 Datasheet HTML 6Page - STMicroelectronics TDA7309 Datasheet HTML 7Page - STMicroelectronics TDA7309 Datasheet HTML 8Page - STMicroelectronics TDA7309 Datasheet HTML 9Page - STMicroelectronics TDA7309 Datasheet HTML 10Page - STMicroelectronics TDA7309 Datasheet HTML 11Page - STMicroelectronics TDA7309 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7309
address (the 8th bit of the byte must be 0). The
TDA7309 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
TDA7309 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
0
01
1
0
0A
0
ACK
DATA
ACK
DATA
ACK
P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address
MSB
LSB
0
011
001
0
pin address open
0
011
000
0
pin address close to ground
MSB
F6
F5
F4
F3
F2
F1
LSB
VOLUME
0
X
X
X
XXX
X
MUTE/LOUD
1
0
0
X
XXX
X
INPUTS
1
0
1
X
XXX
X
CHANNEL
1
1
0
X
XXX
X
CHANNEL ABILITATION CODES
MSB
F6
F5
F4
F3
F2
F1
LSB
FUNCTION
1
1
0
channel
X
X
X
0
0
RIGHT
X
X
X
0
1
LEFT
X
X
X
1
0
BOTH
X
X
X
1
1
BOTH
Power on reset condition
1 1111 11 0
FUNCTION CODES
TDA7309
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com