Electronic Components Datasheet Search
  English  ▼

X  

TDA7309 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7309
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7309 Datasheet HTML 4Page - STMicroelectronics TDA7309 Datasheet HTML 5Page - STMicroelectronics TDA7309 Datasheet HTML 6Page - STMicroelectronics TDA7309 Datasheet HTML 7Page - STMicroelectronics TDA7309 Datasheet HTML 8Page - STMicroelectronics TDA7309 Datasheet HTML 9Page - STMicroelectronics TDA7309 Datasheet HTML 10Page - STMicroelectronics TDA7309 Datasheet HTML 11Page - STMicroelectronics TDA7309 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MSB
F6
F5
F4
F3
F2
F1
LSB
FUNCTION
0
step 1dB
0
0
0
0dB
0
0
1
-1dB
0
1
0
-2dB
0
1
1
-3dB
1
0
0
-4dB
1
0
1
-5dB
1
1
0
-6dB
1
1
1
-7dB
0
step 8dB
000
0
0dB
0
0
0
1
-8dB
0
0
1
0
-16dB
0
0
1
1
-24dB
0
1
0
0
-32dB
0
1
0
1
-40dB
0
1
1
0
-48dB
0
1
1
1
-56dB
1
0
0
0
-64dB
1
0
0
1
-72dB
1
0
1
0
-80dB
1
0
1
1
-88dB
1
1
X
X
MUTE
MUTE LOUDNESS CODES
MSB
F6
F5
F4
F3
F2
F1
LSB
FUNCTION
1
0
0
mute/loud
X
0
0
slow soft mute on
X
0
1
fast soft mute on
1
soft mute off
1
LOUD OFF
X
0
0
loud on (10dB)
X
1
0
loud on (20dB)
INPUT MULTIPLEXER CODES
MSB
F6
F5
F4
F3
F2
F1
LSB
FUNCTION
10
1
inputs
XX
X
0
0
MUTE
X
X
X
0
1
IN2
X
X
X
1
0
IN3
X
X
X
1
1
IN1
VOLUME CODES
Purchase of I
2C Components of SGS-THOMSON Microlectronics, conveys a license under the Philips
I
2C Patent Rights to use these components in an I2C system, provided that the system conforms to
the I
2C StandardSpecifications as defined by Philips.
TDA7309
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com