Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 12Page - Analog Devices ADF4350 Datasheet HTML 13Page - Analog Devices ADF4350 Datasheet HTML 14Page - Analog Devices ADF4350 Datasheet HTML 15Page - Analog Devices ADF4350 Datasheet HTML 16Page - Analog Devices ADF4350 Datasheet HTML 17Page - Analog Devices ADF4350 Datasheet HTML 18Page - Analog Devices ADF4350 Datasheet HTML 19Page - Analog Devices ADF4350 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADF4350
Rev. 0 | Page 16 of 28
RD2
REFERENCE
DOUBLER
0DISABLED
1
ENABLED
RD1
REFERENCE DIVIDE BY 2
0DISABLED
1ENABLED
CP4CP3
CP2CP1
ICP (mA)
5.1kΩ
00000.31
00010.63
00100.94
00111.25
01001.56
01011.88
01102.19
01112.50
10002.81
10013.13
10103.44
10113.75
11004.06
11014.38
11104.69
11115.00
R10
R9
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
R2
R1
R DIVIDER (R)
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
1020
11
0
1
1021
11
1
0
1022
11
1
1
1023
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
L2
L1
M3
M2
M1
RD2
RD1
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
D1
CP4
CP3
CP2 CP1
U6
U5
U4
U3
U2
U1 C3(0) C2(1) C1(0)
CHARGE
PUMP
CURRENT
SETTING
10-BIT R COUNTER
DBR
CONTROL
BITS
MUXOUT
U5
LDP
0
10ns
16ns
U4
PD POLARITY
0NEGATIVE
1
POSITIVE
U3
POWER DOWN
0DISABLED
1
ENABLED
U2
CP
THREE-STATE
0DISABLED
1ENABLED
U1
COUNTER
RESET
0DISABLED
1
ENABLED
D1
DOUBLEBUFFER
R4 DB22-20
0DISABLED
1
ENABLED
U6
LDF
0FRAC-N
1INT-N
M3
M2
M1
OUTPUT
0
0
0
THREE-STATE OUTPUT
00
1
DVDD
01
0
DGND
0
1
1
R DIVIDER OUTPUT
1
0
0
N DIVIDER OUTPUT
1
0
1
ANALOG LOCK DETECT
1
1
0
DIGITAL LOCK DETECT
1
1
1
RESERVED
L1
L2
NOISE MODE
00
LOW NOISE MODE
0
1
RESERVED
1
0
RESERVED
11
LOW SPUR MODE
LOW
NOISE AND
LOW SPUR
MODES
Figure 26. Register 2 (R2)
C2
C1
CLOCK DIVIDER MODE
0
0
CLOCK DIVIDER OFF
0
1
FAST-LOCK ENABLE
1
0
RESYNC ENABLE
1
1
RESERVED
D12
D11
..........
D2
D1
CLOCK DIVIDER VALUE
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
F1
0
C2
C1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(0) C2(1) C1(1)
CONTROL
BITS
12-BIT CLOCK DIVIDER VALUE
CLK
DIV
MODE
F1
CYCLE SLIP
REDUCTION
0DISABLED
1
ENABLED
RESERVED
0
0
Figure 27. Register 3 (R3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com