Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 20Page - Analog Devices ADF4350 Datasheet HTML 21Page - Analog Devices ADF4350 Datasheet HTML 22Page - Analog Devices ADF4350 Datasheet HTML 23Page - Analog Devices ADF4350 Datasheet HTML 24Page - Analog Devices ADF4350 Datasheet HTML 25Page - Analog Devices ADF4350 Datasheet HTML 26Page - Analog Devices ADF4350 Datasheet HTML 27Page - Analog Devices ADF4350 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADF4350
Rev. 0 | Page 27 of 28
3.9nH
1nF
RFOUT
VVCO
50Ω
OUTPUT MATCHING
There are a number of ways to match the output of the ADF4350
for optimum operation; the most basic is to use a 50 Ω resistor to
VVCO. A dc bypass capacitor of 100 pF is connected in series as
shown in Figure 37. Because the resistor is not frequency
dependent, this provides a good broadband match. Placing
the output power in this circuit into a 50 Ω load typically
gives values chosen by Bit D2 and Bit D1 in Register 4 (R4).
Figure 38.Optimum ADF4350 Output Stage
100pF
RFOUT
VVCO
50Ω
50Ω
If differential outputs are not needed, the unused output can be
terminated or combined with both outputs using a balun.
L1
L1
C1
C1
50Ω
RFOUTA+
RFOUTA–
VVCO
C2
L2
Figure 37. Simple ADF4350 Output Stage
A better solution is to use a shunt inductor (acting as an RF
choke) to VVCO. This gives a better match and, therefore, more
output power.
Experiments have shown the circuit shown in Figure 38
provides an excellent match to 50 Ω for the W-CDMA UMTS
Band 1 (2110 MHz to 2170 MHz). The maximum output power
in that case is about 5 dBm. Both single-ended architectures can
be examined using the EVAL-ADF4350EB1Z evaluation board.
Figure 39. ADF4350 LC Balun
A balun using discrete inductors and capacitors may be
implemented with the architecture in Figure 39.
Component L1 and Component C1 comprise the LC balun, L2
provides a dc path for RFOUTA−, and Capacitor C2 is used for dc
blocking.
Table 7. LC Balun Components
Frequency
Range (MHz)
Inductor L1 (nH)
Capacitor C1 (pF)
RF Choke
Inductor (nH)
DC Blocking
Capacitor (pF)
Measured Output
Power (dBm)
137 to 300
100
10
390
1000
9
300 to 460
51
5.6
180
120
10
400 to 600
30
5.6
120
120
10
600 to 900
18
4
68
120
10
860 to 1240
12
2.2
39
10
9
1200 to 1600
5.6
1.2
15
10
9
1600 to 3600
3.3
0.7
10
10
8
2800 to 3800
2.2
0.5
10
10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com