Electronic Components Datasheet Search
  English  ▼

X  

PCP1202 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # PCP1202
Description  NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1202 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  PCP1202 Datasheet HTML 1Page - Sanyo Semicon Device PCP1202 Datasheet HTML 2Page - Sanyo Semicon Device PCP1202 Datasheet HTML 3Page - Sanyo Semicon Device PCP1202 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PCP1202
No. A1165-3/4
Cob -- VCB
VBE(sat) -- IC
VCE(sat) -- IC
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
fT -- IC
Collector-to-Emitter Voltage, VCE -- V
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
0.1
7
2
5
3
2
5
3
2
2.5
1.0
7
5
3
0.01
0.01
0.1
25
32 3
72
1.0
5
37
2
10
5
37
2
100
5
37
IC=2A
ICP=3A
<10μs
IT13550
0
1.6
1.0
1.2
1.4
1.3
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT13519
1.0
2
0.1
Ta= --25°C
75°C
3
7
5
2
23
5
2
3
2
7
1.0
35
7
0.01
IC / IB=10
IT13549
25°C
0.1
23
5
2
3
2
7
1.0
35
7
0.01
0.1
7
5
3
2
7
3
2
0.01
Ta=75°
C
25
°C
--25°C
IT13548
IC / IB=10
5
5
2
7
3
7
3
10
0.1
37
2
1.0
2
53
7
2
100
5
37 10
5
IT13547
100
10
2
2
3
7
5
3
7
25
32
0.01
0.1
7
5
3
1.0
IT13546
VCE=10V
f=1MHz
Ta=75
°C
--25
°C
VCE=5V
VCE=5V
IT13545
100
7
1000
7
5
3
2
5
3
2
10
7
0.01
3
25
2
0.1
7
35
2
3
5
1.0
2.5
2.0
1.0
1.5
0.5
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IT13544
25
°C
Tc=25
°C
Single pulse
When mounted on ceramic substrate
(450mm2
✕0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com