Electronic Components Datasheet Search
  English  ▼

X  

EC4405C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC4405C
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4405C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC4405C Datasheet HTML 1Page - Sanyo Semicon Device EC4405C Datasheet HTML 2Page - Sanyo Semicon Device EC4405C Datasheet HTML 3Page - Sanyo Semicon Device EC4405C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC4405C
No. A1016-1/4
Features
•
4V drive.
•
Halogen Free compliance (UL94 HB).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
300
mA
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
1.2
A
Allowable Power Dissipation
PD
When mounted on glass epoxy substrate (145mm
✕80mm✕1.6mm)
0.15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100μA
1.2
2.6
V
Forward Transfer Admittance
⏐yfs⏐
VDS=10V, ID=150mA
170
290
mS
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=150mA, VGS=10V
660
900
mΩ
RDS(on)2
ID=80mA, VGS=4V
1.5
2.2
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
22
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
7.5
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
3.6
pF
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA1016
11608PE TI IM TC-00001106
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
EC4405C
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - EC4405C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC4401C SANYO-EC4401C Datasheet
28Kb / 4P
Small Signal Switch and Interface Applications
EC4401C SANYO-EC4401C Datasheet
77Kb / 5P
Small Signal Switch and Interface Applications
EC4401C SANYO-EC4401C_06 Datasheet
77Kb / 5P
Small Signal Switch and Interface Applications
EC4402C SANYO-EC4402C Datasheet
43Kb / 5P
Small Signal Switch and Interface Applications
EC4406C SANYO-EC4406C Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - EC4405C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3477 SANYO-MCH3477 Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2409 SANYO-SCH2409 Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com