Electronic Components Datasheet Search
  English  ▼

X  

EC4405C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # EC4405C
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4405C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  EC4405C Datasheet HTML 1Page - Sanyo Semicon Device EC4405C Datasheet HTML 2Page - Sanyo Semicon Device EC4405C Datasheet HTML 3Page - Sanyo Semicon Device EC4405C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EC4405C
No. A1016-3/4
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
0.05
0.30
0.10
0.15
0.20
0.25
0
0
0.10
0.05
0.20
0.15
0.25
0.30
0
1.0
0.8
0.6
0.1
0.2
0.4
0.9
0.7
0.3
0.5
IT10821
0
1.0
0.5
2.0
3.0
4.0
1.5
2.5
3.5
4.5
IT10822
IT10824
02468
16
10
12
14
IT10823
3.0
0
1.0
0.5
1.5
2.0
2.5
Ta=25
°C
VGS=3V
VDS=10V
--60
0
2.0
2.5
1.0
1.5
0.5
3.0
--40
--20
0
20
40
60
80
100
120
140
160
VGS
=4V
, ID
=80m
A
VGS
=10V
, ID=150mA
ID=80mA
150mA
7
5
7
100
10
5
3
2
3
2
IT10827
IT10825
0.01
0.1
23
5
2
7
1.0
35
7
024
8
610
10
5
3
7
3
2
5
2
IT10828
IT10826
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
7
5
3
2
2
0.1
7
5
3
2
VGS=0V
td(on)
td(off)
tf
tr
VDD=15V
VGS=10V
Ciss
Coss
Crss
0.001
10
0.01
23
5
7
2
0.1
35
7
2
1.0
35
7
100
7
5
3
2
7
5
3
2
VDS=10V
75
°C
Ta=
--25
°C
25
°C
1.0
7
5
3
f=1MHz
SW Time -- ID
Ciss, Coss, Crss -- VDS
⏐yfs⏐ -- ID
IS -- VSD
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com