Electronic Components Datasheet Search
  English  ▼

X  

ECH8608 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8608
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8608 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8608 Datasheet HTML 1Page - Sanyo Semicon Device ECH8608 Datasheet HTML 2Page - Sanyo Semicon Device ECH8608 Datasheet HTML 3Page - Sanyo Semicon Device ECH8608 Datasheet HTML 4Page - Sanyo Semicon Device ECH8608 Datasheet HTML 5Page - Sanyo Semicon Device ECH8608 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ECH8608
No.8179-2/6
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
19
ns
Rise Time
tr
See specified Test Circuit.
134
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
90
ns
Fall Time
tf
See specified Test Circuit.
94
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=6A
23
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=6A
1.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=6A
3.6
nC
Diode Forward Voltage
VSD
IS=6A, VGS=0
0.84
1.2
V
[P-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--2A
4.9
7
S
RDS(on)1
ID=--2A, VGS=--4.5V
37
54
m
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--1A, VGS=--2.5V
58
87
m
Ω
Input Capacitance
Ciss
VDS=--10V, f=1MHz
800
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
210
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
160
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
17
ns
Rise Time
tr
See specified Test Circuit.
197
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
88
ns
Fall Time
tf
See specified Test Circuit.
128
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--4A
21
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--4A
1.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--4A
3.2
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0
--0.82
--1.2
V
Package Dimensions
Electrical Connection
unit : mm
2206B
876
5
123
4
Top view
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : ECH8
1
4
85
0.15
0.65
2.9
0.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com