Electronic Components Datasheet Search
  English  ▼

X  

ECH8608 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8608
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8608 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8608 Datasheet HTML 1Page - Sanyo Semicon Device ECH8608 Datasheet HTML 2Page - Sanyo Semicon Device ECH8608 Datasheet HTML 3Page - Sanyo Semicon Device ECH8608 Datasheet HTML 4Page - Sanyo Semicon Device ECH8608 Datasheet HTML 5Page - Sanyo Semicon Device ECH8608 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ECH8608
No.8179-3/6
Switching Time Test Circuit
[N-channel]
[P-channel]
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID=3A
RL=3.3Ω
VDD=10V
VOUT
ECH8608
VIN
4V
0V
VIN
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --4A
RL=2.5Ω
VDD= --10V
VOUT
ECH8608
VIN
0V
--4.5V
VIN
0
0
--0.5
--1.0
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
--5.0
--0.2
--1.5
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
0
--0.4
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
ID -- VDS
0
--1
--3
--4
--2
--5
--6
--7
--8
--9
--10
ID -- VGS
IT04367
IT04368
VDS= --10V
VGS= --1.0V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
[Nch]
[Nch]
[Pch]
[Pch]
0
0
1
2
4
5
6
7
8
9
10
0.2
3
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
0
1.0
2.0
0.5
1.5
ID -- VDS
0
1
3
4
2
5
6
7
8
9
10
ID -- VGS
IT04385
IT04386
VDS=10V
1.5V
VGS=1.0V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com