Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 118AHT
Description  Aluminum Capacitors Axial High Temperature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

118AHT Datasheet(HTML) 2 Page - Vishay Siliconix

  118AHT Datasheet HTML 1Page - Vishay Siliconix 118AHT Datasheet HTML 2Page - Vishay Siliconix 118AHT Datasheet HTML 3Page - Vishay Siliconix 118AHT Datasheet HTML 4Page - Vishay Siliconix 118AHT Datasheet HTML 5Page - Vishay Siliconix 118AHT Datasheet HTML 6Page - Vishay Siliconix 118AHT Datasheet HTML 7Page - Vishay Siliconix 118AHT Datasheet HTML 8Page - Vishay Siliconix 118AHT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-May-08
225
118 AHT
Aluminum Capacitors
Axial High Temperature
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (∅ Dx L in mm)
CR
(µF)
UR (V)
6.3
10
16
25
40
63
100
200
1.0
-
-
-
-
-
6.5 x 18
-
-
2.2
-
-
-
-
-
6.5 x 18
-
6.5 x 18
4.7
-
-
-
-
-
6.5 x 18
6.5 x 18
8 x 18
10
-
-
-
-
-
6.5 x 18
6.5 x 18
10 x 25
15
--
---
--
10 x 30
22
-
-
-
-
-
6.5 x 18
8 x 18
12.5 x 30
33
-
-
-
-
-
-
10 x 25
15 x 30
47
-
-
-
-
6.5 x 18
8 x 18
10 x 25
18 x 30
--
---
-
10 x 30
-
68
-
-
-
-
-
-
12.5 x 30
18 x 38
100
-
-
-
6.5 x 18
8 x 18
10 x 25
12.5 x 30
21 x 38
--
---
10 x 30
-
-
150
-
-
-
-
10 x 18
12.5 x 30
15 x 30
-
220
-
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30
18 x 30
-
--
--
10 x 30
---
330
-
8 x 18
10 x 18
10 x 25
12.5 x 30
15 x 30
18 x 38
-
470
-
8 x 18
10 x 18
10 x 25
12.5 x 30
18 x 30
21 x 38
-
--
-
10 x 30
-
---
680
-
-
10 x 30
12.5 x 30
15 x 30
18 x 38
-
-
1000
10 x 18
10 x 25
12.5 x 30
12.5 x 30
18 x 30
21 x 38
-
-
-
10 x 30
---
---
1500
10 x 25
12.5 x 30
12.5 x 30
15 x 30
18 x 38
-
-
-
2200
-
12.5 x 30
15 x 30
18 x 30
21 x 38
-
-
-
3300
-
15 x 30
18 x 30
18 x 38
-
-
-
-
4700
-
18 x 30
18 x 38
21 x 38
-
-
-
-
6800
-
18 x 38
21 x 38
-
-
-
-
-
10 000
-
21 x 38
-
-
-
-
-
-
73 ± 1.6
Ø D
Ø d
L
F
+
Form BR: Taped on reel
case Ø D x L = 6.5 x 18 to 15 x 30 mm
Form BA: Taped in box (ammopack)
case Ø D x L = 6.5 x 18 to 10 x 25 mm
Fig.2 Forms BA and BR
Ø D
IL
F
33 ± 1
Form AA: Axial in box
case Ø D x L = 10 x 30 to 21 x 38 mm
Fig.3 Form AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com