Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 118AHT
Description  Aluminum Capacitors Axial High Temperature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

118AHT Datasheet(HTML) 4 Page - Vishay Siliconix

  118AHT Datasheet HTML 1Page - Vishay Siliconix 118AHT Datasheet HTML 2Page - Vishay Siliconix 118AHT Datasheet HTML 3Page - Vishay Siliconix 118AHT Datasheet HTML 4Page - Vishay Siliconix 118AHT Datasheet HTML 5Page - Vishay Siliconix 118AHT Datasheet HTML 6Page - Vishay Siliconix 118AHT Datasheet HTML 7Page - Vishay Siliconix 118AHT Datasheet HTML 8Page - Vishay Siliconix 118AHT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-May-08
227
118 AHT
Aluminum Capacitors
Axial High Temperature
Vishay BCcomponents
Table 1
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
125 °C
(mA)
IL1
1MIN
(µA)
IL5
5 MIN
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10
kHz
(
Ω)
ORDERING CODE MAL2118.......
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR
6.3
1000
10 x 18
6
251
42
17
0.50
0.79
0.8
-
23102E3
33102E3
-
1500
10 x 25
7
352
61
23
0.50
0.53
0.53
-
90502E3
90503E3
-
10
220
6.5 x 18
4
109
20
8.4
0.35
2.53
2.1
-
24221E3
34221E3
-
330
8 x 18
5
150
24
11
0.35
1.69
1.4
-
24331E3
34331E3
-
470
8 x 18
5
179
32
13
0.35
1.19
1.0
-
24471E3
34471E3
-
1000
10 x 25
7
343
64
24
0.35
0.56
0.55
-
90504E3
90505E3
-
1000
10 x 30
00
550
64
24
0.32
0.505
0.45
14102E3
24102E3
-
-
1500
12.5 x 30
01
740
94
34
0.32
0.340
0.28
14152E3
24152E3
-
-
2200
12.5 x 30
01
830
136
48
0.40
0.290
0.27
14222E3
24222E3
-
-
3300
15 x 30
02
1070
202
70
0.40
0.190
0.18
14332E3
24332E3
-
44332E3
4700
18 x 30
03
1350
286
98
0.46
0.155
0.15
14472E3
-
-
44472E3
6800
18 x 38
04
1730
412
140
0.53
0.100
0.10
14682E3
-
-
44682E3
10000
21 x 38
05
1860
604
200
0.53
0.084
0.10
14103E3
-
-
44103E3
16
220
8 x 18
5
145
25
11
0.25
1.81
1.5
-
25221E3
35221E3
-
330
10 x 18
6
204
36
15
0.25
1.21
1.2
-
25331E3
35331E3
-
470
10 x 18
6
243
49
19
0.25
0.85
0.83
-
25471E3
35471E3
-
680
10 x 30
00
510
69
30
0.22
0.525
0.45
15681E3
25681E3
-
-
1000
12.5 x 30
01
720
100
36
0.22
0.345
0.28
15102E3
90039E3
-
-
1500
12.5 x 30
01
790
148
52
0.29
0.305
0.27
15152E3
25152E3
-
-
2200
15 x 30
02
1010
215
74
0.29
0.205
0.18
15222E3
25222E3
-
45222E3
3300
18 x 30
03
1300
321
110
0.34
0.165
0.15
15332E3
-
-
45332E3
4700
18 x 38
04
1670
455
150
0.34
0.105
0.10
15472E3
-
-
45472E3
6800
21 x 38
05
1790
657
220
0.38
0.088
0.10
15682E3
-
-
45682E3
25
100
6.5 x 18
4
102
20
9
0.18
2.86
2.3
-
26101E3
36101E3
-
220
10 x 18
6
196
37
15
0.18
1.30
1.25
-
26221E3
36221E3
-
330
10 x 25
7
274
54
21
0.18
0.87
0.82
-
26331E3
36331E3
-
470
10 x 25
7
327
75
28
0.18
0.61
0.57
-
90508E3
90509E3
-
470
10 x 30
00
490
75
28
0.18
0.61
0.50
16471E3
26471E3
-
-
680
12.5 x 30
01
680
106
38
0.18
0.42
0.30
16681E3
26681E3
-
-
1000
12.5 x 30
01
760
154
54
0.24
0.375
0.28
16102E3
26102E3
-
-
1500
15 x 30
02
980
229
79
0.25
0.263
0.22
16152E3
26152E3
-
46152E3
2200
18 x 30
03
1240
334
110
0.26
0.185
0.17
16222E3
-
-
46222E3
3300
18 x 38
04
1610
499
170
0.26
0.12
0.11
16332E3
-
-
46332E3
4700
21 x 38
05
1710
709
240
0.28
0.095
0.10
16472E3
-
-
46472E3
40
47
6.5 x 18
4
89.8
20
7.8
0.11
3.72
2.8
-
27479E3
37479E3
-
100
8 x 18
5
147
28
12
0.11
1.75
1.3
-
27101E3
37101E3
-
150
10 x 18
6
207
40
16
0.11
1.17
1.0
-
27151E3
37151E3
-
220
10 x 25
7
287
57
22
0.11
0.80
0.68
-
90511E3
90512E3
-
220
10 x 30
00
390
57
22
0.10
0.70
0.55
17221E3
27221E3
-
-
330
12.5 x 30
01
570
83
30
0.10
0.43
0.33
17331E3
27331E3
-
-
470
12.5 x 30
01
620
117
42
0.11
0.38
0.30
17471E3
27471E3
-
-
680
15 x 30
02
810
167
58
0.11
0.255
0.23
17681E3
27681E3
-
47681E3
1000
18 x 30
03
1070
244
84
0.13
0.205
0.18
17102E3
-
-
47102E3
1500
18 x 38
04
1390
364
120
0.13
0.13
0.11
17152E3
-
-
47152E3
2200
21 x 38
05
1540
532
180
0.15
0.105
0.10
17222E3
-
-
47222E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com