Electronic Components Datasheet Search
  English  ▼

X  

30ETH06 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30ETH06
Description  Hyperfast Rectifier, 30 A FRED PtTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06 Datasheet(HTML) 4 Page - Vishay Siliconix

  30ETH06 Datasheet HTML 1Page - Vishay Siliconix 30ETH06 Datasheet HTML 2Page - Vishay Siliconix 30ETH06 Datasheet HTML 3Page - Vishay Siliconix 30ETH06 Datasheet HTML 4Page - Vishay Siliconix 30ETH06 Datasheet HTML 5Page - Vishay Siliconix 30ETH06 Datasheet HTML 6Page - Vishay Siliconix 30ETH06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93018
4
Revision: 23-Jun-08
30ETH06
Vishay High Power Products
Hyperfast Rectifier,
30 A FRED PtTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
0
5
10
15
20
25
IF(AV) - Average Forward Current (A)
140
160
180
See note (1)
120
DC
100
80
30
35
40
45
Square wave (D = 0.50)
Rated V
R applied
0
10203040
45
IF(AV) - Average Forward Current (A)
0
10
30
40
50
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
20
RMS limit
5
152535
60
70
80
90
0
I
F = 30 A
I
F = 15 A
10
100
1000
dIF/dt (A/µs)
40
60
80
90
30
50
70
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
0
20
100
1000
dIF/dt (A/µs)
600
1000
1200
400
800
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
0
200
I
F = 30 A
I
F = 15 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com