Electronic Components Datasheet Search
  English  ▼

X  

150CLZ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 150CLZ
Description  Aluminum Capacitors SMD (Chip), Very Low Z
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150CLZ Datasheet(HTML) 5 Page - Vishay Siliconix

  150CLZ Datasheet HTML 1Page - Vishay Siliconix 150CLZ Datasheet HTML 2Page - Vishay Siliconix 150CLZ Datasheet HTML 3Page - Vishay Siliconix 150CLZ Datasheet HTML 4Page - Vishay Siliconix 150CLZ Datasheet HTML 5Page - Vishay Siliconix 150CLZ Datasheet HTML 6Page - Vishay Siliconix 150CLZ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28304
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 03-Jul-08
5
150 CLZ
Aluminum Capacitors
SMD (Chip), Very Low Z
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
I
A = actual ripple current at 100 kHz
I
R = rated ripple current at 100 kHz, 105 °C
(1) = useful life at 105 °C and I
R applied:
case code
≤ 1010 : 2500 h
case code = 1014 : 3000 h
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
Tamb(°C)
I
A
R
I
1)
MEA240
lifetime multiplier
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 25 V
UR =35V
UR =50to63V
100
0.70
0.65
0.60
300
0.80
0.80
0.75
1000
0.85
0.85
0.85
3000
0.93
0.93
0.93
10 000
0.95
0.95
0.95
30 000
0.97
0.97
0.97
100 000
1.00
1.00
1.00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com