Electronic Components Datasheet Search
  English  ▼

X  

150CLZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 150CLZ
Description  Aluminum Capacitors SMD (Chip), Very Low Z
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150CLZ Datasheet(HTML) 1 Page - Vishay Siliconix

  150CLZ Datasheet HTML 1Page - Vishay Siliconix 150CLZ Datasheet HTML 2Page - Vishay Siliconix 150CLZ Datasheet HTML 3Page - Vishay Siliconix 150CLZ Datasheet HTML 4Page - Vishay Siliconix 150CLZ Datasheet HTML 5Page - Vishay Siliconix 150CLZ Datasheet HTML 6Page - Vishay Siliconix 150CLZ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 28304
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 03-Jul-08
1
Aluminum Capacitors
SMD (Chip), Very Low Z
150 CLZ
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte, self healing
• SMD-version with base plate, reflow solderable
• Very low impedance, very high ripple current
• Very long useful life: 3000 hours at 105 °C
• Charge and discharge proof, no peak current limitation
• Lead (Pb)-free
• ATTENTION: for maximum safe soldering conditions refer
to fig.4
APPLICATIONS
• SMD technology, for high mounting density
• Industrial and professional applications
• Automotive, general industrial
• Smoothing, filtering, buffering.
MARKING
• Rated capacitance (in µF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Black mark or ‘-’ sign indicating the cathode (the anode is
identified by bevelled edges)
• Code indicating group number (Z)
PACKAGING
• Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L x W x H in mm)
8x8x10
to 10 x 10 x 14
Rated capacitance range, CR
33 to 1000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3to 63V
Category temperature range
- 55 to + 105 °C
Endurance test at 105 °C:
2000 hours
Useful life at 105 °C:
case size
≤ 10 x 10 x 10
2500 hours
case size 10 x 10 x 14
3000 hours
Useful life at 40 °C;
1.8 x lR applied:
case size
≤ 10 x 10 x 10
125 000 hours
case size 10 x 10 x 14
150 000 hours
Shelf life at 0 V, 105 °C
1000 hours
Based on sectional specification
IEC 60384-18/CECC32300
Climatic category IEC 60068
55/105/56
Fig.1 Component outline
153 CRV
Lead (Pb)-free
153 CLV
140 CLH
150 CLZ
low Z
high temperature
125 °C
solid SMD
175 °C
175 TMP
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(mF)
UR (V)
6.3
1016
25355063
33
----
--
8 x 8 x 10
47
----
--
8 x 8 x 10
----
--
10 x 10 x 10
68
----
-
8 x 8 x 10
10 x 10 x 10
100
----
8 x 8 x 10
10 x 10 x 10
10 x 10 x 14
150
---
8 x 8 x 10
---
220
-
-
8 x 8 x 10
8 x 8 x 10
10 x 10 x 10
10 x 10 x 14
-
330
-
8 x 8 x 10
8 x 8 x 10
10 x 10 x 10
10 x 10 x 14
-
-
470
8 x 8 x 10
8 x 8 x 10
10 x 10 x 10
10 x 10 x 14
-
-
-
680
-
10 x 10 x 10
10 x 10 x 14
-
-
-
-
1000
10 x 10 x 10
10 x 10 x 14
-
-
-
-
-


Similar Part No. - 150CLZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
150CLZ ETC2-150CLZ Datasheet
342Kb / 12P
Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
More results

Similar Description - 150CLZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
Aluminum Capacitors SMD (Chip), Very Low Z
30-Oct-08
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
Aluminum Capacitors SMD (Chip), Very Low Z
17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
Aluminum Capacitors SMD (Chip), Very Low Z
23-Apr-13
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
Aluminum Capacitors SMD (Chip), Very Low Z
23-Apr-13
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
Aluminum Capacitors SMD (Chip), Very Low Z
23-Apr-13
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
12-Dec-16
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
12-Dec-16
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
12-Apr-17
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
27-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com