Electronic Components Datasheet Search
  English  ▼

X  

MAL214856472E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL214856472E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214856472E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL214856472E3 Datasheet HTML 1Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 2Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 3Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 4Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 5Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 6Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 7Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315
106
Revision: 04-Jan-08
148 RUS
Vishay BCcomponents
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with
pressure relief, insulated with a blue vinyl sleeve
• Charge and discharge proof
• Miniaturized, ultra high CV-product per unit volume
• Very long useful life: 3000 hours at 105 °C, high reliability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• EDP, telecommunication, industrial,
automotive and audio-video
• Smoothing, filtering, buffering in SMPS, timing
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance value (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (148)
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (
∅ D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
47 to 22 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 to 100 V
Category temperature range
- 40 to + 105
°C
Endurance test at 105
°C:
case
∅ D = 10 mm
1000 hours
case
∅ D ≥ 12.5 mm
2000 hours
Useful life at 105
°C:
case
∅ D = 10 mm
2000 hours
case
∅ D ≥ 12.5 mm
3000 hours
Useful life at 40
°C, 1.6 x I
R applied:
case
∅ D = 10 mm
140 000 hours
case
∅ D ≥ 12.5 mm
200 000 hours
Shelf life at 0 V, 105
°C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
1016
25355063
100
47
--
----
-
10 x 12
68
--
----
-
10 x 16
100
--
----
10 x 12
10 x 20
150
--
----
-
12.5 x 20
220
-
-
-
-
-
10 x 12
10 x 16
12.5 x 25
--
----
-
16 x 20
330
-
-
-
-
10 x 12
10 x 16
12.5 x 20
16 x 25
470
-
-
-
10 x 12
10 x 16
10 x 20
12.5 x 20
16 x 31
680
-
-
10 x 12
10 x 16
10 x 20
12.5 x 20
12.5 x 25
-
--
----
16 x 20
-
RoHS
COMPLIANT


Similar Part No. - MAL214856472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214095001E3 VISHAY-MAL214095001E3 Datasheet
526Kb / 7P
Aluminum Capacitors SMD (Chip), High Temperature
29-May-08
MAL214095002E3 VISHAY-MAL214095002E3 Datasheet
526Kb / 7P
Aluminum Capacitors SMD (Chip), High Temperature
29-May-08
MAL214095003E3 VISHAY-MAL214095003E3 Datasheet
526Kb / 7P
Aluminum Capacitors SMD (Chip), High Temperature
29-May-08
MAL214095101E3 VISHAY-MAL214095101E3 Datasheet
526Kb / 7P
Aluminum Capacitors SMD (Chip), High Temperature
29-May-08
MAL214095102E3 VISHAY-MAL214095102E3 Datasheet
526Kb / 7P
Aluminum Capacitors SMD (Chip), High Temperature
29-May-08
More results

Similar Description - MAL214856472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
17-Jun-05
036RSP VISHAY-036RSP_08 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Semi-Professional
15-Oct-08
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
12-Apr-13
148RUS VISHAY-148RUS_17 Datasheet
132Kb / 9P
Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
28-Feb-17
036RSP VISHAY-036RSP_16 Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com