Electronic Components Datasheet Search
  English  ▼

X  

MAL214856472E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL214856472E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214856472E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL214856472E3 Datasheet HTML 1Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 2Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 3Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 4Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 5Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 6Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 7Page - Vishay Siliconix MAL214856472E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 28315
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 04-Jan-08
107
148 RUS
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
Vishay BCcomponents
DIMENSIONS in millimeters, AND AVAILABLE FORMS
Table 1
Note
1.
Tape dimensions see section ‘PACKAGING’
1000
-
10 x 12
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
-
--
---
16 x 20-
-
1500
-
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31
-
--
--
16 x 20--
-
2200
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31
18 x 35
-
--
-
16 x 20
---
-
3300
-
12.5 x 20
12.5 x 25
16 x 25
16 x 31
18 x 35
-
-
--
16 x 20----
-
4700
12.5 x 20
12.5 x 25
16 x 25
16 x 31
18 x 35
-
-
-
-
16 x 20
-----
-
6800
16 x 20
16 x 25
16 x 31
18 x 35
-
-
-
-
10 000
16 x 25
16 x 31
18 x 35----
-
15 000
16 x 31
18 x 35
-----
-
22 000
18 x 35-
-----
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
1016
25
355063
100
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D X L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
Form
CA
Form
CB
Form
TFA
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
≈ 1.6
1000
500
800
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
≈ 1.9
500
500
800
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
≈ 2.2
500
500
800
12.5 x 20
17
0.6
13.0
22.0
5.0 ± 0.5
≈ 4.0
500
500
500
12.5 x 25
18
0.6
13.0
27.0
5.0 ± 0.5
≈ 5.0
250
250
500
16 x 20
19a
0.8
16.5
22.0
7.5 ± 0.5
≈ 6.0
250
250
250
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
≈ 8.0
250
250
250
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
≈ 9.0
100
100
250
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
≈ 14.5
100
100
−
Ø D
Ø d
-
+
F
15
min.
5
min.
Fig. 2 Form CA: Long leads
Ø D
Ø d
L
F
4 + 1
0
+
-
Fig.3 Form CB: Cut leads
Fig.4 Form TFA: Taped in box (ammopack)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com