Electronic Components Datasheet Search
  English  ▼

X  

IL1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL1
Description  Optocoupler, Phototransistor Output, with Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL1 Datasheet HTML 1Page - Vishay Siliconix IL1 Datasheet HTML 2Page - Vishay Siliconix IL1 Datasheet HTML 3Page - Vishay Siliconix IL1 Datasheet HTML 4Page - Vishay Siliconix IL1 Datasheet HTML 5Page - Vishay Siliconix IL1 Datasheet HTML 6Page - Vishay Siliconix IL1 Datasheet HTML 7Page - Vishay Siliconix IL1 Datasheet HTML 8Page - Vishay Siliconix IL1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Optocoupler, Phototransistor Output, with Base Connection
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83612
294
Rev. 1.5, 08-May-08
IL1/IL2/IL5
Vishay Semiconductors
DESCRIPTION
The
IL1/IL2/IL5
are
optically
coupled
isolated
pairs
employing
GaAs
infrared
LEDs
and
silicon
NPN
phototransistor. Signal information, including a DC level, can
be transmitted by the drive while maintaining a high degree
of electrical isolation between input and output. The
IL1/IL2/IL5
are
especially
designed
for
driving
medium-speed logic and can be used to eliminate
troublesome ground loop and noise problems. These
couplers can be used also to replace relays and transformers
in many digital interface applications such as CRT
modulation.
FEATURES
• Current transfer ratio (see order information)
• Isolation test voltage 5300 VRMS
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 available with option 1
• BSI IEC 60950; IEC 60065
Note
For additional information on the available options refer to option information.
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
ORDER INFORMATION
PART
REMARKS
IL1
CTR > 20 %, DIP-6
IL2
CTR > 100 %, DIP-6
IL5
CTR > 50 %, DIP-6
IL1-X006
CTR > 20 %, DIP-6 400 mil (option 6)
IL2-X006
CTR > 100 %, DIP-6 400 mil (option 6)
IL2-X009
CTR >100 %, SMD-6 (option 9)
IL5-X009
CTR > 50 %, SMD-6 (option 9)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
IL1
BVCEO
50
V
IL2
BVCEO
70
V
IL5
BVCEO
70
V
Emitter base breakdown voltage
BVEBO
7.0
V
Collector base breakdown voltage
BVCBO
70
V
Collector current
IC
50
mA
t < 1.0 ms
IC
400
mA
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.6
mW/°C


Similar Part No. - IL1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IL1 VISHAY-IL1 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
logo
ISOCOM COMPONENTS
IL1 ISOCOM-IL1 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL1-X006 VISHAY-IL1-X006 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
logo
Siemens Semiconductor G...
IL101 SIEMENS-IL101 Datasheet
66Kb / 2P
high speed three state optocoupler
More results

Similar Description - IL1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL2-X009 VISHAY-IL2-X009 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com