Electronic Components Datasheet Search
  English  ▼

X  

IL1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL1
Description  Optocoupler, Phototransistor Output, with Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL1 Datasheet HTML 1Page - Vishay Siliconix IL1 Datasheet HTML 2Page - Vishay Siliconix IL1 Datasheet HTML 3Page - Vishay Siliconix IL1 Datasheet HTML 4Page - Vishay Siliconix IL1 Datasheet HTML 5Page - Vishay Siliconix IL1 Datasheet HTML 6Page - Vishay Siliconix IL1 Datasheet HTML 7Page - Vishay Siliconix IL1 Datasheet HTML 8Page - Vishay Siliconix IL1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 08-May-08
297
IL1/IL2/IL5
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Non-Saturated Switching Schematic
Fig. 2 - Saturated Switching Schematic
Fig. 3 - Non-Saturated Switching Timing
Fig. 4 - Saturated Switching Timing
SATURATED
Fall time
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
tf
7.6
µs
IL2
13.5
IL5
20
Propagation H to L
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
tPHL
1.6
µs
IL2
5.4
IL5
2.6
Propagation L to H
VCE = 0.4 V, RL = 1.0 kΩ,
VCL = 5.0 V, VTH = 1.5 V
IL1
tPLH
8.6
µs
IL2
7.4
IL5
7.2
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode rejection
output high
VCM = 50 VP-P, RL = 1 kΩ, IF = 10 mA
|CMH|
5000
V/µs
Common mode rejection
output low
VCM = 50 VP-P, RL = 1 kΩ, IF = 10 mA
|CML|
5000
V/µs
Common mode coupling
capacitance
CCM
0.01
pF
iil1_01
V
O
VCC = 5 V
R L = 75 Ω
IF = 10 mA
f = 10 kHz
DF = 50 %
iil1_02
V
O
R
L
V
CC = 5 V
I
F
= 10 mA
f = 10 kHz
DF = 50 %
iil1_03
tR
t F
tD
50 %
tPHL
VO
IF
tPLH
tS
iil1_04
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com