Electronic Components Datasheet Search
  English  ▼

X  

IL31 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL31
Description  Optocoupler, Photodarlington Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL31 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL31 Datasheet HTML 1Page - Vishay Siliconix IL31 Datasheet HTML 2Page - Vishay Siliconix IL31 Datasheet HTML 3Page - Vishay Siliconix IL31 Datasheet HTML 4Page - Vishay Siliconix IL31 Datasheet HTML 5Page - Vishay Siliconix IL31 Datasheet HTML 6Page - Vishay Siliconix IL31 Datasheet HTML 7Page - Vishay Siliconix IL31 Datasheet HTML 8Page - Vishay Siliconix IL31 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83621
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 14-Dec-07
1
Optocoupler, Photodarlington Output
(Single, Dual, Quad Channel)
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Vishay Semiconductors
DESCRIPTION
The IL30/IL31/IL55 single, ILD30/ILD31/ILD55 dual, and
ILQ30/ILQ31/ILQ55 quad are optically coupled isolators with
gallium
arsenide
infrared
emitters
and
silicon
photodarlington sensors. Switching can be achieved while
maintaining a high degree of isolation between driving and
load circuits, with no crosstalk between channels. These
optocouplers can be used to replace reed and mercury
relays with advantages of long life, high speed switching and
elimination of magnetic fields.
The IL30/IL31/IL55 are equivalent to MCA230/MCA231/
MCA255. The ILD30/ILD31/ILD55 are designed to reduce
board space requirements in high density applications.
FEATURES
• 125 mA load current rating
• Fast rise time, 10 µs
• Fast fall time, 35 µs
• Single, dual and quad channel
• Solid state reliability
• Standard DIP packages
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• BSI IEC 60950 IEC 60065
•FIMKO
i179011
1
2
3
6
5
4
B
C
E
A
C
NC
8
7
6
5
E
C
C
E
A
C
C
A
1
2
3
4
E
C
C
E
E
C
C
E
A
C
C
A
A
C
C
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Single Channel
Dual Channel
Quad Channel
ORDER INFORMATION
PART
REMARKS
IL30
CTR > 100 %, single channel DIP-6
IL31
CTR > 200 %, single channel DIP-6
IL55
CTR > 100 %, single channel DIP-6
ILD30
CTR > 100 %, dual channel DIP-8
ILD31
CTR > 200 %, dual channel DIP-8
ILD55
CTR > 100 %, dual channel DIP-8
ILQ30
CTR > 100 %, quad channel DIP-16
ILQ31
CTR > 200 %, quad channel DIP-16
ILQ55
CTR > 100 %, quad channel DIP-16
IL55-X009
CTR > 100 %, single channel SMD-6 (option 9)
ILD30-X009
CTR > 100 %, dual channel SMD-8 (option 9)
ILD31-X007
CTR > 200 %, dual channel SMD-8 (option 7)
ILD31-X009
CTR > 200 %, dual channel SMD-8 (option 9)


Similar Part No. - IL31

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL31 SIEMENS-IL31 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL31 VISHAY-IL31 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
logo
Integral Corp.
IL311 INTEGRAL-IL311 Datasheet
291Kb / 2P
Highly Flexible Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311 Datasheet
131Kb / 3P
High Performance Voltage Comparators
IL311 IKSEMICON-IL311 Datasheet
120Kb / 3P
High Performance Voltage Comparators
More results

Similar Description - IL31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com