Electronic Components Datasheet Search
  English  ▼

X  

IL31 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL31
Description  Optocoupler, Photodarlington Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL31 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL31 Datasheet HTML 1Page - Vishay Siliconix IL31 Datasheet HTML 2Page - Vishay Siliconix IL31 Datasheet HTML 3Page - Vishay Siliconix IL31 Datasheet HTML 4Page - Vishay Siliconix IL31 Datasheet HTML 5Page - Vishay Siliconix IL31 Datasheet HTML 6Page - Vishay Siliconix IL31 Datasheet HTML 7Page - Vishay Siliconix IL31 Datasheet HTML 8Page - Vishay Siliconix IL31 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83621
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 14-Dec-07
3
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Optocoupler, Photodarlington Output
(Single, Dual, Quad Channel)
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
s
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.1
10
µA
Capacitance
VR = 0 V
CO
25
pF
OUTPUT
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
30/55
V
Collector emitter leakage current
VCE = 10 V, IF = 0 A
ICEO
1.0
100
nA
Collector emitter capacitance
VCE = 10 V, f = 1.0 MHz
CCE
3.4
pF
COUPLER
Collector emitter saturation voltage
IC = 50 mA, IF = 50 mA
VCEsat
0.9
1.0
V
Isolation test voltage
5300
VRMS
Isolation resistance
RIO
1012
Ω
Capacitance (input to output)
CIO
0.5
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 5.0 V
IL30
CTR
100
400
%
IL55
CTR
100
400
%
ILD30
CTR
100
400
%
ILD55
CTR
100
400
%
ILQ30
CTR
100
400
%
ILQ55
CTR
100
400
%
IL31
CTR
200
400
%
ILD31
CTR
200
400
%
ILQ31
CTR
200
400
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
VCC = 13.5 V, IF = 50 mA, RL = 100 Ω
tr
10
µs
Fall time
VCC = 13.5 V, IF = 50 mA, RL = 100 Ω
tf
35
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com