Electronic Components Datasheet Search
  English  ▼

X  

IL66 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL66
Description  Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL66 Datasheet HTML 1Page - Vishay Siliconix IL66 Datasheet HTML 2Page - Vishay Siliconix IL66 Datasheet HTML 3Page - Vishay Siliconix IL66 Datasheet HTML 4Page - Vishay Siliconix IL66 Datasheet HTML 5Page - Vishay Siliconix IL66 Datasheet HTML 6Page - Vishay Siliconix IL66 Datasheet HTML 7Page - Vishay Siliconix IL66 Datasheet HTML 8Page - Vishay Siliconix IL66 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638
6
Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output,
with Internal RBE (Single, Dual, Quad
Channel)
PACKAGE DIMENSIONS in millimeters
14770
6.4 max.
7.62 ± 0.1
B
0.4 B
technical drawings
according to DIN
specifications
Weight: ca. 0.50 g
Creepage distance: > 6 mm
Air path: > 6 mm
after mounting on PC board
1 2 3
6 5 4
8.8 max.
8.6 max.
1.54
2.54 nom.
5.08 nom.
0.58 max.
0.3 A
A
9 ± 0.6
0.3 max.
i178006
Pin one ID
0.255 (6.48)
0.268 (6.81)
0.379 (9.63)
0.390 (9.91)
0.030 (0.76)
0.045 (1.14)
4° typ.
0.100 (2.54)
typ.
10°
3° to 9°
0.300 (7.62)
typ.
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.110 (2.79)
0.130 (3.30)
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
0.230 (5.84)
0.250 (6.35)
4
3
2
1
0.031 (0.79)
0.050 (1.27)
5
6
7
8
ISO method A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com